Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5111 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT83C5111
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT83C5111 Datasheet HTML 24Page - ATMEL Corporation AT83C5111 Datasheet HTML 25Page - ATMEL Corporation AT83C5111 Datasheet HTML 26Page - ATMEL Corporation AT83C5111 Datasheet HTML 27Page - ATMEL Corporation AT83C5111 Datasheet HTML 28Page - ATMEL Corporation AT83C5111 Datasheet HTML 29Page - ATMEL Corporation AT83C5111 Datasheet HTML 30Page - ATMEL Corporation AT83C5111 Datasheet HTML 31Page - ATMEL Corporation AT83C5111 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
28
AT8xC5111
4190A–8051–11/02
Figure 4. Baud Rate Selection
Table 1. Baud Rate Selection Table for UART
Internal Baud Rate Generator
(BRG)
When the internal Baud Rate Generator is used, the Baud Rates are determined by the
BRG overflow depending on the BRL reload value, the X2 bit in CKON0 register, the
value of SPD bit (Speed Mode) in BDRCON register and the value of the SMOD1 bit in
PCON register (for UART).
Figure 5. Internal Baud Rate Generator
TBCK
RBCK
Clock Source for UART Tx
Clock Source
UART Rx
0
0
Timer 1
Timer 1
10
INT_BRG
Timer 1
0
1
Timer 1
INT_BRG
1
1
INT_BRG
INT_BRG
/ 16
RBCK
INT_BRG
0
1
TBCK
INT_BRG
TIMER1_BRG
Rx Clock
/ 16
0
1
TIMER1_BRG
Tx Clock
Peripheral Clock
BRG
0
1
/6
BRL
/2
0
1
INT_BRG
SPD
BRR
SMOD1
Auto Reload Counter
Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com