Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5111 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT83C5111
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT83C5111 Datasheet HTML 70Page - ATMEL Corporation AT83C5111 Datasheet HTML 71Page - ATMEL Corporation AT83C5111 Datasheet HTML 72Page - ATMEL Corporation AT83C5111 Datasheet HTML 73Page - ATMEL Corporation AT83C5111 Datasheet HTML 74Page - ATMEL Corporation AT83C5111 Datasheet HTML 75Page - ATMEL Corporation AT83C5111 Datasheet HTML 76Page - ATMEL Corporation AT83C5111 Datasheet HTML 77Page - ATMEL Corporation AT83C5111 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 86 page
background image
74
AT8xC5111
4190A–8051–11/02
6. If I
OL exceeds the test condition, VOL may exceed the relat ed specificat ion. Pins are not guaranteed to sink current great er
than the listed test conditions.
7. For other values, please contact your sales office.
8. Operat ing I
CC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 34.), VIL =
V
SS + 0.5V,
VIH = VCC - 0.5V; XTAL2 N.C.; RST/VPP = VCC;. The internal ROM runs the code 80 FE (label: SJMP label). ICC would be
slightly higher if a crystal oscillat or is used. Measurements are made with OTP products when possible, which is the worst
case.
Figure 1. I
CC Test Condition, Under Reset
Figure 2. Operat ing I
CC Test Condition
V
CC
ICC
(NC)
CL OC K
SIGNAL
All other pins are disconnected.
RST
XTAL2
XTAL1
V
SS
V
CC
V
CC
I
CC
(NC)
CLO C K
SIGNAL
All other pins are disconnected.
RST
XTAL2
XTAL1
V
SS
V
CC
Reset = V
SS after a high pulse
during at least 24 clock cycles
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com