Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1025LS2 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # QPD1025LS2
Description  1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1025LS2 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  QPD1025LS2 Datasheet HTML 1Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 2Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 3Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 4Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 5Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 6Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 7Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 8Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
QPD1025L
1500 W, 65 V, 1.0
– 1.1 GHz, GaN RF Input-Matched Transistor
Datasheet Rev. B
│ Subject to change without notice
- 5 of 18 -
www.qorvo.com
Measured Load-Pull Smith Charts 1, 2, 3
Notes:
1.
Test Conditions: VD = 65 V, IDQ = 750 mA, 100 us Pulse Width, 10% Duty Cycle, Temp = 25°C.
2.
The performance shown below is for only half of the device out of the two independent amplification paths.
3.
See page 13 for load pull reference planes where the performance was measured.
1.1GHz, Load-pull
58.9
58.7
58.5
58.3
58.1
57.9
57.7
57.5
20.1
19.6
19.1
18.6
18.1
17.6
63.9
65.9
67.9
69.9
71.9
73.9
75.9
• Max Power is 59dBm
at Z = 2.53+0.746i
= -0.0655+0.1438i
• Max Gain is 20.4dB
at Z = 1.111+1.709i
= -0.2444+0.5171i
• Max PAE is 76.9%
at Z = 2.221+1.322i
= -0.08+0.2735i
Zo = 3
3dB Compression Referenced to Peak Gain
Zs(fo) = 0.94-2.29i
Zs(2fo) = 0.47-0.06i
Zs(3fo) = 0.52+0.8i
Zl(2fo) = 0.8+0.69i
Zl(3fo) = NaN
Power
Gain
PAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com