Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1025LS2 Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # QPD1025LS2
Description  1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1025LS2 Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button QPD1025LS2 Datasheet HTML 7Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 8Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 9Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 10Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 11Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 12Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 13Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 14Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 15Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
QPD1025L
1500 W, 65 V, 1.0
– 1.1 GHz, GaN RF Input-Matched Transistor
Datasheet Rev. B
│ Subject to change without notice
- 11 of 18 -
www.qorvo.com
Median Lifetime 1, 2
Notes
:
1. Test Conditions: VD = +50
 V; Failure Criteria = 10 % reduction in ID_MAX during DC Life Testing.
2. For pulsed signals, average lifetime is average lifetime at maximum channel temperature divided by duty cycle.
1.00E+05
1.00E+06
1.00E+07
1.00E+08
1.00E+09
1.00E+10
1.00E+11
1.00E+12
1.00E+13
1.00E+14
1.00E+15
1.00E+16
1.00E+17
1.00E+18
1.00E+19
25
50
75
100
125
150
175
200
225
250
275
Channel Temperature, TCH (°C)
Median Lifetime vs. Channel Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com