Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1025LS2 Datasheet(PDF) 13 Page - TriQuint Semiconductor

Part # QPD1025LS2
Description  1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1025LS2 Datasheet(HTML) 13 Page - TriQuint Semiconductor

Back Button QPD1025LS2 Datasheet HTML 9Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 10Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 11Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 12Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 13Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 14Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 15Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 16Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 17Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
QPD1025L
1500 W, 65 V, 1.0
– 1.1 GHz, GaN RF Input-Matched Transistor
Datasheet Rev. B
│ Subject to change without notice
- 13 of 18 -
www.qorvo.com
Pin Configuration and Description 1
Note:
1-
The QPD1025L
will be marked with the “QPD1025L” designator and a lot code marked below the part designator. The “YY”
represents the last two digits of the calendar year the part was manufactured, the “WW” is the work week of the assembly lot
st
art, the “MXXX” is the production lot number, and the “ZZZ” is an auto-generated serial number.
Pin
Symbol
Description
1, 2
RF IN / VG
Gate
3, 4
RF OUT / VD
Drain
5
Source
Source / Ground / Backside of part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com