Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1025LS2 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # QPD1025LS2
Description  1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1025LS2 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button QPD1025LS2 Datasheet HTML 5Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 6Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 7Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 8Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 9Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 10Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 11Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 12Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
QPD1025L
1500 W, 65 V, 1.0
– 1.1 GHz, GaN RF Input-Matched Transistor
Datasheet Rev. B
│ Subject to change without notice
- 9 of 18 -
www.qorvo.com
Thermal and Reliability Information
– CW 1, 2, 3
Parameter
Conditions
Values
Units
Thermal Resistance, FEA (θJC) (1) (3)
85 °C Case
Pdiss = 172.8 W
CW
0.26
°C/W
Peak Channel Temperature, FEA (TCH) (1)
131.3
°C
Median Lifetime, FEA (TM) (1)
4.0E10
Hrs
Peak Channel Temperature, IR (2)
117 (2)
°C
Thermal Resistance, FEA (θJC) (1) (3)
85 °C Case
Pdiss = 345.6 W
CW
0.29
°C/W
Peak Channel Temperature, FEA (TCH) (1)
188.1
°C
Median Lifetime, FEA (TM) (1)
1.0E8
Hrs
Peak Channel Temperature, IR (2)
154 (2)
°C
Thermal Resistance, FEA (θJC) (1) (3)
85 °C Case
Pdiss = 518.4 W
CW
0.33
°C/W
Peak Channel Temperature, FEA (TCH) (1)
259.5
°C
Median Lifetime, FEA (TM) (1)
4.0E5
Hrs
Peak Channel Temperature, IR (2)
195 (2)
°C
Notes:
1. Finite Element Analysis (FEA) thermal values shall be used to determine performance and reliability.
Unless otherwise noted, all thermal references are FEA.
2. Infrared (IR) thermal values are for reference only and can not be used to determine performance or reliability.
3. Thermal resistance measured to backside of package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com