Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1025LS2 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # QPD1025LS2
Description  1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1025LS2 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  QPD1025LS2 Datasheet HTML 1Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 2Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 3Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 4Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 5Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 6Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 7Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 8Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
QPD1025L
1500 W, 65 V, 1.0
– 1.1 GHz, GaN RF Input-Matched Transistor
Datasheet Rev. B
│ Subject to change without notice
- 1 of 18 -
www.qorvo.com
4-lead NI-1230 Package (Eared)
Product Overview
The Qorvo QPD1025L is a 1500 W (P3dB) discrete GaN on
SiC HEMT which operates from 1.0 to 1.1 GHz. Input pre-
match within the package results in ease of external board
match and saves board space. The device is in an industry
standard air cavity package and is ideally suited for IFF,
avionics and test instrumentation. The device can support
both CW and pulsed operations.
Lead-free and ROHS compliant
Evaluation boards are available upon request.
Functional Block Diagram
Key Features
• Frequency: 1.0 to 1.1 GHz
• Output Power (P3dB)1: 1660 W
• Linear Gain1: 22.9 dB
• Typical PAE3dB1: 78.5%
• Operating Voltage: 65 V
• CW and Pulse capable
Note 1: @ 1.0 GHz Load Pull
Applications
• IFF Transponders
• Avionics
Ordering info
Part No.
ECCN Description
QPD1025L
EAR99
1.0
– 1.1 GHz Transistor
QPD1025LS2
EAR99
2 Piece Sample Bag
QPD1025LEVB1
EAR99
1.0
– 1.1 GHz Evaluation Board


Similar Part No. - QPD1025LS2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1025L QORVO-QPD1025L Datasheet
3Mb / 27P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
QPD1025L QORVO-QPD1025L Datasheet
3Mb / 26P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
March 2022
QPD1025LEVB1 QORVO-QPD1025LEVB1 Datasheet
3Mb / 27P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
QPD1025LEVB1 QORVO-QPD1025LEVB1 Datasheet
3Mb / 26P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
March 2022
QPD1025LEVB2 QORVO-QPD1025LEVB2 Datasheet
3Mb / 27P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
More results

Similar Description - QPD1025LS2

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1025 TRIQUINT-QPD1025 Datasheet
1Mb / 18P
1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1025L QORVO-QPD1025L Datasheet
3Mb / 27P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
TGF2965-SM QORVO-TGF2965-SM Datasheet
1Mb / 21P
5 W, 32 V, 0.03?? GHz, GaN RF Input-Matched Transistor
TGF3015-SM QORVO-TGF3015-SM Datasheet
1Mb / 20P
10 W, 32 V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
QPD1029L QORVO-QPD1029L Datasheet
1Mb / 16P
1500 W, 65 V, 1.2??1.4GHz, GaN RF Input-Matched Transistor
Sep 2019
QPD1025L QORVO-QPD1025L_V01 Datasheet
3Mb / 26P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
March 2022
QPD1028L QORVO-QPD1028L Datasheet
1Mb / 16P
750 W, 65 V, 1.2 ??1.4 GHz, GaN RF Input-Matched Transistor
Oct 2021
QPD1025 QORVO-QPD1025 Datasheet
3Mb / 26P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
April 2022
QPD1026L QORVO-QPD1026L Datasheet
1Mb / 19P
1300 W, 65 V, 420 ??450 MHz, GaN RF Input-Matched Transistor
December 2018
QPD1028 QORVO-QPD1028 Datasheet
1Mb / 16P
750 W, 65 V, 1.2 – 1.4 GHz, GaN RF Input-Matched Transistor
November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com