Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1025LS2 Datasheet(PDF) 16 Page - TriQuint Semiconductor

Part # QPD1025LS2
Description  1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1025LS2 Datasheet(HTML) 16 Page - TriQuint Semiconductor

Back Button QPD1025LS2 Datasheet HTML 10Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 11Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 12Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 13Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 14Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 15Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 16Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 17Page - TriQuint Semiconductor QPD1025LS2 Datasheet HTML 18Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
QPD1025L
1500 W, 65 V, 1.0
– 1.1 GHz, GaN RF Input-Matched Transistor
Datasheet Rev. B
│ Subject to change without notice
- 16 of 18 -
www.qorvo.com
1.0
– 1.1 GHz Application Circuit – Layout 1, 2
Notes
:
1.
PCB material is RO4350B 0.020” thick, 2 oz. copper each side.
2.
The two gates could be tied together or (optionally) adjusted independently.
1.0
– 1.1 GHz Application Circuit – Bill of Material
Reference Design
Value
Qty
Manufacturer
Part Number
C15,C16,C17,C18
8.2 pF
4
American Technical Ceramics
600F8R2BT250T
C1
10 pF
1
American Technical Ceramics
600S100FT250XT
C2,C3,C4
6.8 PF
3
American Technical Ceramics
600S6R8BT250T
C9,C10
4.7 uF
2
Murata Electronics
GRM31CR71H475KA12L
C19,C20,C21,C22
7.5 pF
4
American Technical Ceramics
600F7R5BT250XT
C26,C27
10 uF
2
TDK Singapore (Pte) Ltd
C5750X7S2A106M230KB
C5,C6,C7,C8
9.1 pF
4
American Technical Ceramics
600S9R1BT250XT
C28,C29
680 uF
2
Vishay Americas Inc
MAL215099708E3
C11,C12,C13,C14
6.8 pF
4
American Technical Ceramics
600F6R8BT250XT
C23,C30
3.0 pF
2
American Technical Ceramics
800B3R0BT500XT
R1
100 Ohm
1
Panasonic Industrial Devices
Sales
ERJ-3EKF1000
R2,R3
10 Ohm
2
Vishay Dale Electronics
CRCW060310R0FKEA
L1,L2
110 nH
2
Coilcraft, Inc.
0805CS-111XJBC
Connectors
N-Type
2
Huber+Suhner, Inc.
1101055



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com