Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM138QML Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM138QML
Description  Military Grade 5-A Adjustable Output Linear Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM138QML Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM138QML Datasheet HTML 25Page - Texas Instruments LM138QML Datasheet HTML 26Page - Texas Instruments LM138QML Datasheet HTML 27Page - Texas Instruments LM138QML Datasheet HTML 28Page - Texas Instruments LM138QML Datasheet HTML 29Page - Texas Instruments LM138QML Datasheet HTML 30Page - Texas Instruments LM138QML Datasheet HTML 31Page - Texas Instruments LM138QML Datasheet HTML 32Page - Texas Instruments LM138QML Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
29
LM138QML
www.ti.com
SNVSAA9 – OCTOBER 2017
Product Folder Links: LM138QML
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9 Power Supply Recommendations
The input supply to LM138QML must be kept at a voltage level such that its maximum input to output differential
voltage rating is not exceeded. The minimum dropout voltage must also be met with extra headroom when
possible to keep the LM138QML in regulation. TI recommends a capacitor be placed at the input to bypass
noise.
10 Layout
10.1 Layout Guidelines
Some layout guidelines must be followed to ensure proper regulation of the output voltage with minimum noise.
Traces carrying the load current must be wide to reduce the amount of parasitic trace inductance and the
feedback loop from VOUT to ADJ must be kept as short as possible. To improve PSRR, a bypass capacitor can
be placed at the ADJ pin and must be placed as close as possible to the device. In cases when VIN shorts to
ground, an external diode must be placed from VOUT to VIN to divert the surge current from the output capacitor
and protect the deice. Similarly, in cases when a large bypass capacitor is placed at the ADJ pin and VOUT shorts
to ground, an external diode must be placed from ADJ to VOUT to provide a path for the bypass capacitor to
discharge. These diodes must be placed close to the corresponding device pins to increase their effectiveness.
10.2 Layout Example
Figure 44. LM138QML Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com