Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM138QML Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM138QML
Description  Military Grade 5-A Adjustable Output Linear Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM138QML Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM138QML Datasheet HTML 10Page - Texas Instruments LM138QML Datasheet HTML 11Page - Texas Instruments LM138QML Datasheet HTML 12Page - Texas Instruments LM138QML Datasheet HTML 13Page - Texas Instruments LM138QML Datasheet HTML 14Page - Texas Instruments LM138QML Datasheet HTML 15Page - Texas Instruments LM138QML Datasheet HTML 16Page - Texas Instruments LM138QML Datasheet HTML 17Page - Texas Instruments LM138QML Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LM138QML
ADJ
VIN
VOUT
VOUT
VIN
R2
RS
R1*
240
Copyright © 2017, Texas Instruments Incorporated
14
LM138QML
SNVSAA9 – OCTOBER 2017
www.ti.com
Product Folder Links: LM138QML
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
External Capacitors
An input bypass capacitor is recommended. A 0.1-μF disc or 1-μF solid tantalum on the input is suitable input
bypassing for almost all applications. The device is more sensitive to the absence of input bypassing when
adjustment or output capacitors are used but the above values will eliminate the possibility of problems.
The adjustment terminal can be bypassed to ground on the LM138QML to improve ripple rejection. This bypass
capacitor prevents ripple from being amplified as the output voltage is increased. With a 10-μF bypass capacitor,
75-dB ripple rejection is obtainable at any output level. Increases over 20 μF do not appreciably improve the
ripple rejection at frequencies above 120 Hz. If the bypass capacitor is used, it is sometimes necessary to
include protection diodes to prevent the capacitor from discharging through internal low current paths and
damaging the device.
In general, the best type of capacitors to use are solid tantalum. Solid tantalum capacitors have low impedance
even at high frequencies. Depending upon capacitor construction, it takes about 25 μF in aluminum electrolytic to
equal 1-μF solid tantalum at high frequencies. Ceramic capacitors are also good at high frequencies; however,
some types have a large decrease in capacitance at frequencies around 0.5 MHz. For this reason, a 0.01-μF disc
may seem to work better than a 0.1-μF disc as a bypass.
Although the LM138QML is stable with no output capacitors, like any feedback circuit, certain values of external
capacitance can cause excessive ringing. This occurs with values between 500 pF and 5000 pF. A 1-μF solid
tantalum (or 25-μF aluminum electrolytic) on the output swamps this effect and insures stability.
8.2.1.2.2
Load Regulation
The LM138QML device is capable of providing extremely good load regulation but a few precautions are needed
to obtain maximum performance. The current set resistor connected between the adjustment terminal and the
output terminal (usually 240 Ω) should be tied directly to the output of the regulator (case) rather than near the
load; this eliminates line drops from appearing effectively in series with the reference and degrading regulation.
For example, a 15-V regulator with 0.05-Ω resistance between the regulator and load will have a load regulation
due to line resistance of 0.05 Ω × IL. If the set resistor is connected near the load the effective line resistance will
be 0.05 Ω (1 + R2/R1) or in this case, 11.5 times worse.
Figure 16 shows the effect of resistance between the regulator and 240-Ω set resistor.
Figure 16. Regulator With Line Resistance in Output Lead
With the TO-3 package, it is easy to minimize the resistance from the case to the set resistor by using two
separate leads to the case. The ground of R2 can be returned near the ground of the load to provide remote
ground sensing and improve load regulation.
8.2.1.2.3
Protection Diodes
When external capacitors are used with any IC regulator, it is sometimes necessary to add protection diodes to
prevent the capacitors from discharging through low current points into the regulator. Most 20-μF capacitors have
low enough internal series resistance to deliver 20-A spikes when shorted. Although the surge is short, there is
enough energy to damage parts of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com