Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM138QML Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM138QML
Description  Military Grade 5-A Adjustable Output Linear Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM138QML Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM138QML Datasheet HTML 7Page - Texas Instruments LM138QML Datasheet HTML 8Page - Texas Instruments LM138QML Datasheet HTML 9Page - Texas Instruments LM138QML Datasheet HTML 10Page - Texas Instruments LM138QML Datasheet HTML 11Page - Texas Instruments LM138QML Datasheet HTML 12Page - Texas Instruments LM138QML Datasheet HTML 13Page - Texas Instruments LM138QML Datasheet HTML 14Page - Texas Instruments LM138QML Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11
LM138QML
www.ti.com
SNVSAA9 – OCTOBER 2017
Product Folder Links: LM138QML
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Normal Operation
The device OUTPUT pin sources current necessary to make the OUTPUT pin 1.25-V greater than the ADJUST
terminal to provide output regulation.
7.4.2 Operation With Low Input Voltage
The device requires up to 3-V headroom (VI – VO) to operate in regulation. With less headroom, the device may
drop out and the OUTPUT voltage is then the INPUT voltage minus the drop out voltage.
7.4.3 Operation at Light Loads
The device passes its bias current to the OUTPUT pin. The load or feedback must consume this minimum
current for regulation or the output may be too high. A 250-Ω feedback resistor between OUTPUT and ADJUST
consumes the worst case minimum load current of 5 mA.
7.4.4 Operation in Self Protection
When an overload occurs, the device shuts down the Darlington NPN output stage or reduces the output current
to prevent device damage. The device automatically resets from the overload. The output may be reduced or
alternate between on and off until the overload is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com