Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM138QML Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM138QML
Description  Military Grade 5-A Adjustable Output Linear Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM138QML Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM138QML Datasheet HTML 9Page - Texas Instruments LM138QML Datasheet HTML 10Page - Texas Instruments LM138QML Datasheet HTML 11Page - Texas Instruments LM138QML Datasheet HTML 12Page - Texas Instruments LM138QML Datasheet HTML 13Page - Texas Instruments LM138QML Datasheet HTML 14Page - Texas Instruments LM138QML Datasheet HTML 15Page - Texas Instruments LM138QML Datasheet HTML 16Page - Texas Instruments LM138QML Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
VIN
VOUT
ADJ
LM138QML
GND
COUT
‚
1…F
CIN*
0.1…F
R1
270
R2
820
CADJ
10…F
D1**
1N4002
D2
‚*
1N4002
VIN
VOUT
‚‚
*Needed if device is more than 6 inches from filter
capacitors
‚2SWLRQDO±±improves transient response
**Recommended if COUT is used
‚‚
‚*Recommended if CADJ is used
2
I
1
2
1
25
.
1
V
ADJ
OUT
R
R
R
V
¸
¹
·
¨
©
§
Copyright © 2017, Texas Instruments Incorporated
13
LM138QML
www.ti.com
SNVSAA9 – OCTOBER 2017
Product Folder Links: LM138QML
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.2 Typical Applications
8.2.1 Constant 5-V Regulator
Figure 15. Constant 5-V Regulator
8.2.1.1 Design Requirements
Table 1. Design Parameters
PARAMETER
PART
NUMBER/VALUE
DESCRIPTION
Feedback resistor 1 (R1)
270 Ω
The LM138QML produces a typical 1.24-V potential between the OUTPUT and ADJUST
pins; therefore, placing a 270-Ω resistor between the OUTPUT and ADJUST pins causes
4.6 mA to flow through R1 and R2
Feedback resistor 2 (R2)
820 Ω
To achieve a 5-V output, the sum of the voltages across R1 and R2 must equal 5 V.
Therefore, VR2 must equal 3.76 V when 4.6 mA is flowing through it. R2 = VR2 / I = 3.76 V
/ 4.6 mA = ~820 Ω.
Input capacitor (CIN)
0.1 µF
0.1 µF of input capacitance helps filter out unwanted noise, especially if the regulator is
located far from the power supply filter capacitors.
Output capacitor (COUT)
1 µF
The regulator is stable without any output capacitance, but adding a 1-µF capacitor
improves the transient response.
Adjust capacitor (CADJ)
10 µF
A 10-µF capacitor bypassing the ADJUST pin to ground improves the regulators ripple
rejection.
Protection diode 1 (D1)
1N4002
Protection diode D1 is recommended if COUT is used. The diode provides a low-
impedance discharge path to prevent the capacitor from discharging into the output of the
regulator (see Protection Diodes).
Protection diode 2 (D2)
1N4002
Protection diode D2 is recommended if CADJ is used. The diode provides a low-impedance
discharge path to prevent the capacitor from discharging into the output of the regulator
(see Protection Diodes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com