Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM138QML Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM138QML
Description  Military Grade 5-A Adjustable Output Linear Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM138QML Datasheet(HTML) 1 Page - Texas Instruments

  LM138QML Datasheet HTML 1Page - Texas Instruments LM138QML Datasheet HTML 2Page - Texas Instruments LM138QML Datasheet HTML 3Page - Texas Instruments LM138QML Datasheet HTML 4Page - Texas Instruments LM138QML Datasheet HTML 5Page - Texas Instruments LM138QML Datasheet HTML 6Page - Texas Instruments LM138QML Datasheet HTML 7Page - Texas Instruments LM138QML Datasheet HTML 8Page - Texas Instruments LM138QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Copyright © 2017, Texas Instruments Incorporated
LM138QML
ADJ
VIN
VOUT
R1
R2
IADJ
I1
VREF
VOUT
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM138QML
SNVSAA9 – OCTOBER 2017
LM138QML Military Grade 5-A Adjustable Output Linear Regulator
1
1 Features
1
•
Manufactured and Tested per Texas Instruments
Military Grade Flow
•
Specified 7-A Peak Output Current
•
Specified 5-A Output Current
•
Wide Temperature Range –55°C to 150°C
•
Adjustable Output Down to 1.2 V
•
Specified Thermal Regulation
•
Current Limit Constant With Temperature
•
P+ Product Enhancement Tested
•
Output is Short-Circuit Protected
2 Applications
•
Adjustable Power Supplies
•
Constant Current Regulators
•
Battery Chargers
3 Description
The
LM138QML
adjustable
3-terminal
positive
voltage regulator is capable of supplying in excess of
5 A over a 1.2-V to 32-V output range. The device is
exceptionally easy to use and requires only two
resistors to set the output voltage. Careful circuit
design has resulted in outstanding load and line
regulation—comparable to many commercial power
supplies.
A unique feature of the LM138QML device is time-
dependent current limiting. The current limit circuitry
allows peak currents of up to 12 A to be drawn from
the regulator for short periods of time. This allows the
LM138QML device to be used with heavy transient
loads and speeds start-up under full-load conditions.
Under sustained loading conditions, the current limit
decreases to a safe value protecting the regulator.
Also included on the chip are thermal overload
protection and safe area protection for the power
transistor. Overload protection remains functional
even
if
the
adjustment
pin
is
accidentally
disconnected.
Normally, no capacitors are needed unless the device
is situated more than 6 inches from the input filter
capacitors, in which case an input bypass is needed.
An output capacitor can be added to improve
transient response, while bypassing the adjustment
pin will increase the regulator's ripple rejection.
Besides
replacing
fixed
regulators
or
discrete
designs, the LM138QML is useful in a wide variety of
other applications. Since the regulator is “floating”
and sees only the input-to-output differential voltage,
supplies of several hundred volts can be regulated as
long as the maximum input to output differential is not
exceeded; that is, do not short-circuit output to
ground.
Device Information(1)
PART NUMBER
GRADE
PACKAGE
LM138K-MIL
Military
TO-3 (2)
LM138KG-MD8
Military
Die
LM138KG-MW8
Military
Wafer
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit


Similar Part No. - LM138QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
5-Amp Adjustable Regulators
logo
STMicroelectronics
LM138 STMICROELECTRONICS-LM138 Datasheet
186Kb / 12P
THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
Mar-1993
logo
Seme LAB
LM138 SEME-LAB-LM138 Datasheet
56Kb / 6P
5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Linear Technology
LM138 LINER-LM138 Datasheet
185Kb / 12P
5A Positive Adjustable Voltage Regulator
LM138 LINER-LM138 Datasheet
148Kb / 12P
5A Positive Adjustable Voltage Regulator
More results

Similar Description - LM138QML

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5258-1 ONSEMI-CS5258-1 Datasheet
255Kb / 10P
8.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com