Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM138QML Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM138QML
Description  Military Grade 5-A Adjustable Output Linear Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM138QML Datasheet(HTML) 5 Page - Texas Instruments

  LM138QML Datasheet HTML 1Page - Texas Instruments LM138QML Datasheet HTML 2Page - Texas Instruments LM138QML Datasheet HTML 3Page - Texas Instruments LM138QML Datasheet HTML 4Page - Texas Instruments LM138QML Datasheet HTML 5Page - Texas Instruments LM138QML Datasheet HTML 6Page - Texas Instruments LM138QML Datasheet HTML 7Page - Texas Instruments LM138QML Datasheet HTML 8Page - Texas Instruments LM138QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
LM138QML
www.ti.com
SNVSAA9 – OCTOBER 2017
Product Folder Links: LM138QML
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.3 Thermal Information
THERMAL METRIC(1)
LM138QML
UNIT
K (TO-3)
2 PINS
RθJA
Junction-to-ambient thermal resistance
42.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
3.3
°C/W
ψJT
Junction-to-top characterization parameter
2.5
°C/W
ψJB
Junction-to-board characterization parameter
37.4
°C/W
(1)
These specifications are applicable for power dissipations up to 50W. Power dissipation is specified at these values up to 15-V input-
output differential. Above 15-V differential, power dissipation will be limited by internal protection circuitry. All limits (that is, the numbers
in the minimum and maximum columns) are specified to TI's AOQL (Average Outgoing Quality Level).
(2)
Typical figures are at TA = 25°C, and represent most likely parametric norms. Test limits are ensured to Texas Instruments' average
outgoing quality level (AOQL).
(3)
VIN – VOUT = 3.3 V at –55°C and 125°C.
(4)
Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specifications for thermal regulation.
(5)
Datalog reading in mV, 0.01% = 1.19 mV.
(6)
Family board not required for this device.
6.4 Electrical Characteristics
Values apply for VIN – VOUT = 5 V; and IOUT = 10 mA (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
SUB-
GROUPS
MIN
TYP(2)
MAX
UNIT
VREF
Reference voltage
VIN – VOUT = 3 V
(3)
[1, 2, 3]
1.19
1.29
V
VIN – VOUT = 3 V, IOUT = 5 A
[1, 2, 3]
1.19
1.29
VIN – VOUT = 5 V, IOUT = 7 A
[1, 2, 3]
1.19
1.29
VIN – VOUT = 35 V
[1, 2, 3]
1.19
1.29
VIN – VOUT = 35 V, IOUT = 150 mA
[1, 2, 3]
1.19
1.29
VRLINE
Line regulation(4)
3 V
≤ (VIN – VOUT) ≤ 35 V
[1]
–3.5
3.5
mV
3.3 V
≤ (VIN – VOUT) ≤ 35 V
[2, 3]
–14
14
VRLOAD
Load regulation(4)
VIN – VOUT = 3 V, 10 mA ≤ IOUT ≤ 5 A,
VOUT = VREF
[1]
–3.8
3.8
mV
VIN – VOUT = 3.3 V, 10 mA ≤ IOUT ≤ 5 A,
VOUT = VREF
[2, 3]
–8
8
VIN – VOUT = 35 V, 10 mA ≤ IOUT ≤ 150
mA, VOUT = VREF
[1]
–3.8
3.8
[2, 3]
–8
8
VRTH
Thermal regulation
VIN – VOUT = 10 V, pulse = 20 ms,
IOUT = 1 A
(5)
[1]
0.002
0.01
%/W
IADJ
Adjustment pin current
VIN – VOUT = 3 V
(3)
[1, 2, 3]
2
45
100
μA
VIN – VOUT = 35 V
[1, 2, 3]
2
100
ΔIADJ
Adjustment pin current change
3 V
≤ (VIN – VOUT) ≤ 35 V
(3)
[1, 2, 3]
–5
0.2
5
μA
10 mA
≤ IOUT ≤ 5 A
[1, 2, 3]
–5
5
ILOAD(MIN) Minimum load current
VIN – VOUT = 3 V, VOUT = 1.4 V
(3)
[1, 2, 3]
0.5
5
mA
VIN – VOUT = 35 V, VOUT = 1.4 V
[1, 2, 3]
0.5
3.5
5
ICL
Current limit
VIN – VOUT = 10 V, T = 0.5 ms,
VOUT = 0 V
[1, 2, 3]
7
16
A
T = 5 ms, VOUT = 0 V
[1, 2, 3]
5
15
ΔVR/ΔVIN Ripple rejection ratio
VOUT = VREF, eIN = 1 VRMS, f = 120 Hz,
IOUT = 500 mA
(6)
[4]
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com