Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV821 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LPV821
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV821 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LPV821 Datasheet HTML 3Page - Texas Instruments LPV821 Datasheet HTML 4Page - Texas Instruments LPV821 Datasheet HTML 5Page - Texas Instruments LPV821 Datasheet HTML 6Page - Texas Instruments LPV821 Datasheet HTML 7Page - Texas Instruments LPV821 Datasheet HTML 8Page - Texas Instruments LPV821 Datasheet HTML 9Page - Texas Instruments LPV821 Datasheet HTML 10Page - Texas Instruments LPV821 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
7
8
9
10
SNOS
Ibias (pA) at Vs = 3.3V
Ibias (pA) at Vs = 1.8V
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-320
-280
-240
-200
-160
-120
-80
-40
0
40
SNOS
Ibias (pA) at Vs = 1.8V
Ibias (pA) at Vs = 3.3V
Common Mode Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
SNOS
Ibias (pA) at 125 °C
Ibias (pA) at 25 °C
Ibias (pA) at -40 °C
Common Mode Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
-6000
-5000
-4000
-3000
-2000
-1000
0
1000
2000
3000
4000
5000
6000
SNOS
Ibias at 125 °C (pA)
Ibias at 25 °C (pA)
Ibias at -40 °C (pA)
Common Mode Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-40
-30
-20
-10
0
10
20
30
40
50
SNOS
Ibias (pA) @ 125 °C
Ibias (pA) at 25 °C
Ibias (pA) @ -40 °C
Common Mode Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
-50
-40
-30
-20
-10
0
10
20
30
40
50
SNOS
Ibias (pA) at 25 °C
Ibias (pA) at -40 °C
Ibias (pA) at 125 °C
7
LPV821
www.ti.com
SNOSD36 – AUGUST 2017
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = 3.3 V, and CL = 0 pF, unless otherwise noted.
VS = 1.8 V
Figure 7. Input Bias Current on +IN Input Pin vs Common
Mode Voltage
VS = 3.3 V
Figure 8. Input Bias Current on +IN Input Pin vs Common
Mode Voltage
VS = 1.8 V
Figure 9. Input Bias Current on –IN Pin vs Common Mode
Voltage
VS = 3.3 V
Figure 10. Input Bias Current on –IN Input Pin vs Common
Mode Voltage
VS = 3.3 V and 1.8 V
Figure 11. Input Bias Current ON +IN Input vs Temperature
VS = 3.3 V and 1.8 V
Figure 12. Input Bias Current on –IN Input Pin vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com