Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV821 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LPV821
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV821 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LPV821 Datasheet HTML 7Page - Texas Instruments LPV821 Datasheet HTML 8Page - Texas Instruments LPV821 Datasheet HTML 9Page - Texas Instruments LPV821 Datasheet HTML 10Page - Texas Instruments LPV821 Datasheet HTML 11Page - Texas Instruments LPV821 Datasheet HTML 12Page - Texas Instruments LPV821 Datasheet HTML 13Page - Texas Instruments LPV821 Datasheet HTML 14Page - Texas Instruments LPV821 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
VIN
+
VOUT
R1
Vcc
Current-limiting resistor
required if input voltage
exceeds supply rails by
• 0.3 V.
10 mA max
11
LPV821
www.ti.com
SNOSD36 – AUGUST 2017
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Input
The LPV821 input common-mode voltage range extends to the supply rails. Typically, the input bias current is
approximately 7 pA; however, input voltages that exceed the power supplies can cause excessive current to flow
into or out of the input pins. Momentary voltages greater than the power supply can be tolerated if the input
current is limited to 10 mA. This limitation is easily accomplished with adding a resistor in series with the input,
as shown in Figure 23.
Figure 23. Input Current Protection
8.3.3 Internal Offset Correction
The LPV821 operational amplifier combines an auto-calibration technique with a time-continuous 8-kHz
operational amplifier in the signal path. The amplifier is zero-corrected every 1 ms using a proprietary technique.
This design has no aliasing or flicker (1/f) noise.
8.4 Device Functional Modes
The LPV821 has a single functional mode. The device is powered on as long as the power supply voltage is
between 1.7 V (±0.85 V) and 3.6 V (±1.8 V).
8.4.1 EMI Performance and Input Filtering
Operational amplifiers vary in susceptibility to EMI. If conducted EMI enters the operational amplifier, the dc
offset at the amplifier output can shift from its nominal value when EMI is present. This shift is a result of signal
rectification associated with the internal semiconductor junctions. Although all operational amplifier pin functions
can be affected by EMI, the input pins are likely to be the most susceptible. The LPV821 operational amplifier
incorporates an internal input low-pass filter that reduces the amplifier response to EMI. Both common mode and
differential-mode filtering are provided by the input filter.
8.4.2 Driving Capacitive Load
The LPV821 is internally compensated for stable unity-gain operation, with a 8-kHz typical gain bandwidth.
However, the unity-gain follower is the most sensitive configuration-to-capacitive load. The combination of a
capacitive load placed directly on the output of an amplifier along with the output impedance of the amplifier
creates a phase lag, which reduces the phase margin of the amplifier. If the phase margin is significantly
reduced, the response is under-damped, which causes peaking in the transfer and, when there is too much
peaking, the op amp might start oscillating.
In order to drive heavy (> 50 pF) capacitive loads, use an isolation resistor, RISO, as shown in Figure 24. The
value of the RISO to be used should be decided depending on the size of the CLand the level of performance
desired. Values ranging from 5 kΩ to 100 kΩ are usually sufficient to ensure stability. By using the isolation
resistor, the capacitive load is isolated from the output of the amplifier. The larger the value of RISO, the more
stable the amplifier will be. If the value of RISO is sufficiently large, the feedback loop is stable, independent of the
value of CL. However, larger values of RISO (e.g. 50 kΩ) result in reduced output swing and reduced output
current drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com