Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV821 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LPV821
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV821 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LPV821 Datasheet HTML 9Page - Texas Instruments LPV821 Datasheet HTML 10Page - Texas Instruments LPV821 Datasheet HTML 11Page - Texas Instruments LPV821 Datasheet HTML 12Page - Texas Instruments LPV821 Datasheet HTML 13Page - Texas Instruments LPV821 Datasheet HTML 14Page - Texas Instruments LPV821 Datasheet HTML 15Page - Texas Instruments LPV821 Datasheet HTML 16Page - Texas Instruments LPV821 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LOAD
V Supply
load
Current
+
VOUT
Vcc
Rshunt
R1
R3
+
Vshunt
R4
+
Vcc
R2
Vcc
LPV821
R5
R6
Vbias
LPV821
To ADC REF
input
13
LPV821
www.ti.com
SNOSD36 – AUGUST 2017
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Applications (continued)
Figure 25. Low-Side Current Measurement
9.2.1.1 Design Requirements
The design requirements are as follows:
•
Supply Voltage: 3.3 V DC
•
Input: 1 A (Max)
•
Output: 1.65V ± 1.54 V ; (110 mV to 3.19 V)
9.2.1.2 Detailed Design Procedure
Referring to Figure 25, the load current passing though the shunt resistor (Rshunt) develops the shunt voltage,
Vshunt across the resistor. The shunt voltage is then amplified by the LPV821 by the ratio of R4 by R3 . The gain
of the difference amplifier is set by the ratio of R4 to R3 . To minimize errors, set R2 = R4 and R1 = R3 . The
bias voltage is supplied by buffering a resistor divider using a second LPV821 nanopower op amp. The circuit
equations are provided below.
Vout = Vshunt * Gain Diff + Vbias
(1)
Vshunt = Iload * Rshunt
(2)
GainDiff = R4 / R3
(3)
Vbias = [R6 / (R6 + R5)] * VCC
(4)
Rshunt = [Vshunt (max)] / [Iload (max)]
(5)
Because Vshunt is a low-side measurement, a maximum value 100 mV was selected.
Rshunt= Vshunt/ Iload= 100mV /1A =100mΩ
(6)
The tolerance of the shunt resistor, the ratio of R4 to R3 and the ratio of R2 to R1 are the main sources of gain
error in the signal path. To optimize the cost, a shut resistor with a tolerance of 0.5% was chosen. The main
sources of offset errors in the circuit are the voltage divider network comprise of R5, R6 and how closely the ratio
of R4 / R3 matches the ration of R2 / R1. The latter value affects the CMRR of the difference amplifier, ultimately
translating to an offset error.
The shunt voltage is scaled down by a divider network made of R1 and R2 before reaching the LPV821 amplifier
stage. The voltage present at the non-inverting node of the LPV821 should not exceed the common-mode range
of the device. The extremely low offset voltage and drift of the LPV821 ensures minimized offset error in the
measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com