Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV821 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LPV821
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV821 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LPV821 Datasheet HTML 5Page - Texas Instruments LPV821 Datasheet HTML 6Page - Texas Instruments LPV821 Datasheet HTML 7Page - Texas Instruments LPV821 Datasheet HTML 8Page - Texas Instruments LPV821 Datasheet HTML 9Page - Texas Instruments LPV821 Datasheet HTML 10Page - Texas Instruments LPV821 Datasheet HTML 11Page - Texas Instruments LPV821 Datasheet HTML 12Page - Texas Instruments LPV821 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Output Sourcing Current (mA)
1m
10m
100m
1
10
100
100P
1m
10m
100m
1
10
SNOS
Vout (V) at 125 °C
Vout (V) at 25 °C
Vout (V) at -40 °C
Output Sourcing Current (mA)
1m
10m
100m
1
10
100
100P
1m
10m
100m
1
10
SNOS
Vout (V) at 125 °C
Vout (V) at 25 °C
Vout (V) at -40 °C
Output Sinking Current (mA)
1m
10m
100m
1
10
100
100P
1m
10m
100m
1
10
SNOS
Vout (V) at 125 °C
Vout (V) at 25 °C
Vout (V) at -40 °C
Output Sinking Current (mA)
1m
10m
100m
1
10
100
100P
1m
10m
100m
1
10
SNOS
Vout (V) at 125 °C
Vout (V) at 25 °C
Vout (V) at -40 °C
9
LPV821
www.ti.com
SNOSD36 – AUGUST 2017
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = 3.3 V, and CL = 0 pF, unless otherwise noted.
VS = 1.8 V
TA = –40, 25, 125°C
Figure 19. Output Swing vs. Sinking Current, 1.8 V
VS = 3.3 V
TA = –40, 25, 125°C
Figure 20. Output Swing vs. Sinking Current, 3.3 V
VS = 1.8 V
TA = –40, 25, 125°C
Figure 21. Output Swing vs Sourcing Current, 1.8 V
VS = 3.3 V
TA = –40, 25, 125°C
Figure 22. Output Swing vs Sourcing Current, 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com