Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV821 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LPV821
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV821 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LPV821 Datasheet HTML 10Page - Texas Instruments LPV821 Datasheet HTML 11Page - Texas Instruments LPV821 Datasheet HTML 12Page - Texas Instruments LPV821 Datasheet HTML 13Page - Texas Instruments LPV821 Datasheet HTML 14Page - Texas Instruments LPV821 Datasheet HTML 15Page - Texas Instruments LPV821 Datasheet HTML 16Page - Texas Instruments LPV821 Datasheet HTML 17Page - Texas Instruments LPV821 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
LPV821
SNOSD36 – AUGUST 2017
www.ti.com
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Applications (continued)
In case a bi-direction current sensing is required, for symmetric load current of –1 A to 1 A, the voltage divider
resistors R5 and R6 must be equal. To minimize power consumption, 100-kΩ resistors with a tolerance of 0.5%
were selected.
To set the gain of the difference amplifier, the common-mode range and output swing of the LPV821 must be
considered. The gain of the difference amplifier can now be calculated as shown below
Gain = [Vout (max) - Vout (min)] / [Rshunt * (Imax – Imin )] = [3.2 V - 100 mV] / [100 mΩ] * [1A – ( –1A)] = 15.5 V / V
(7)
10 Power Supply Recommendations
The LPV821 is specified for operation from 1.7 V to 3.6 (±0.85 V to ±1.8 V); many specifications apply from
–40°C to 125°C. The Typical Characteristics presents parameters that can exhibit significant variance with regard
to operating voltage or temperature.
CAUTION
Supply voltages larger than 4 V can permanently damage the device (see the Absolute
Maximum Ratings).
TI recommends placing 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in
from noisy or high-impedance power supplies. For more detailed information on bypass capacitor placement,
refer to the Layout section.
11 Layout
11.1 Layout Guidelines
11.1.1 General Layout Guidelines
Pay attention to good layout practices. Keep traces short and when possible, use a printed-circuit-board (PCB)
ground plane with surface-mount components placed as close to the device pins as possible. Place a 0.1-μF
capacitor closely across the supply pins. Apply these guidelines throughout the analog circuit to improve
performance and provide benefits, such as reducing the electromagnetic interference (EMI) susceptibility.
Operational amplifiers vary in susceptibility to radio frequency interference (RFI). RFI can generally be identified
as a variation in offset voltage or DC signal levels with changes in the interfering RF signal. The LPV821 is
specifically designed to minimize susceptibility to RFI and demonstrates remarkably low sensitivity compared to
previous generation devices. Strong RF fields may still cause varying offset levels.
11.2 Layout Example
Figure 26. SOT-23 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com