Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV821 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LPV821
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV821 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LPV821 Datasheet HTML 4Page - Texas Instruments LPV821 Datasheet HTML 5Page - Texas Instruments LPV821 Datasheet HTML 6Page - Texas Instruments LPV821 Datasheet HTML 7Page - Texas Instruments LPV821 Datasheet HTML 8Page - Texas Instruments LPV821 Datasheet HTML 9Page - Texas Instruments LPV821 Datasheet HTML 10Page - Texas Instruments LPV821 Datasheet HTML 11Page - Texas Instruments LPV821 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Frequency (Hz)
40
50
60
70
80
90
100
110
120
130
140
10
100
1k
10k
100k
SNOS
Zout (k:) at 1.8V
Zout (k:) at 3.3V
Frequency (Hz)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
100m
1
10
100
1k
10k
100k
SNOS
Frequency (MHz)
0
20
40
60
80
100
120
10
100
1k
SNOS
EMIRR at 0dBm
EMIRR at -10dBm
EMIRR at -20dBm
Supply Voltage (V)
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
100
200
300
400
500
600
700
800
900
1000
1100
SNOS
IQ (nA) at 125 °C
IQ (nA) at 25 °C
IQ (nA) at -40 °C
Frequency (Hz)
10
20
30
40
50
60
70
80
90
100
110
120
130
140
10
100
1k
10k
SNOS
CMRR (dB) at Vs = 3.3V
CMRR (dB) at Vs = 1.8V
Frequency (Hz)
70
80
90
100
110
120
130
10
100
1k
10k
100k
SNOS
PSRR (dB) Vs = 3.3V
PSRR (dB) Vs = 1.8V
8
LPV821
SNOSD36 – AUGUST 2017
www.ti.com
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = 3.3 V, and CL = 0 pF, unless otherwise noted.
VS = 3.3 V and 1.8 V
Figure 13. CMRR vs Frequency
VS = 3.3 V
Figure 14. PSRR vs Frequency
Figure 15. EMIRR Performance
TA = –40, 25, 125°C
Figure 16. Per Channel Quiescent Current vs Supply
Voltage
VS = 3.3 V and 1.8 V
Figure 17. Open Loop Output Impedance
Figure 18. Voltage Noise Spectral Density vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com