Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC08FSM Datasheet(PDF) 80 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 80 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 76Page - Teccor Electronics AC08FSM Datasheet HTML 77Page - Teccor Electronics AC08FSM Datasheet HTML 78Page - Teccor Electronics AC08FSM Datasheet HTML 79Page - Teccor Electronics AC08FSM Datasheet HTML 80Page - Teccor Electronics AC08FSM Datasheet HTML 81Page - Teccor Electronics AC08FSM Datasheet HTML 82Page - Teccor Electronics AC08FSM Datasheet HTML 83Page - Teccor Electronics AC08FSM Datasheet HTML 84Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 223 page
background image
http://www.teccor.com
E7 - 2
©2002 Teccor Electronics
+ 1 972-580-7777
Thyristor Product Catalog
Rectifiers
Data Sheets
Test Conditions
I2t — RMS surge (non-repetitive) forward current for 8.3 ms for fusing
IF(AV) — Average forward current
IF(RMS) — RMS forward current
IFSM — Peak one-cycle surge current
IRM — Peak reverse current
RθJC — Thermal resistance (steady state) junction to case
VFM — Peak forward voltage at rated average forward current
VR — DC blocking voltage
VRRM — Peak repetitive reverse voltage
General Notes
•
Operating temperature range (TJ) is -40 °C to +125 °C.
•
Storage temperature range (TS) is -40 °C to +125 °C.
•
Lead solder temperature is a maximum of 230
°C for 10 seconds
maximum at a minimum of 1/16" (1.59 mm) from case.
•
The case temperature (TC) is measured as shown on dimensional
outline drawings in the “Package Dimensions” section of this
catalog.
•
Teccor's electrically-isolated TO-220 devices withstand a high
potential test of 2500 V ac rms from leads to mounting tab over the
operating temperature range.
•
Typical Reverse Recovery Time (trr) is 4 µs. (Test conditions =
0.9 A forward current and 1.5 A reverse current)
Electrical Specification Notes
(1) See Figure E7.3 for current rating at specified case temperature.
(2) For more than one full cycle rating, see Figure E7.4.
(3) TC = TJ for test conditions
(4) See package outlines for lead form configurations. When ordering
special lead forming, add type number as suffix to part number.
Electrical Isolation
* UL Recognized File #E71639
** For 4000 V isolation, use “V” suffix in the part number.
Type
Part Number
VRRM
VR
IF(AV)
IF(RMS)
IFSM
IRM
VFM
I2t
RθJC
Isolated
TO-220
Volts
Volts
(1)
Amps
Amps
(2)
Amps
(3)
mA
Volts
Amps2Sec
°C/W
60/50 Hz
TC =
25
°C
TC =
100
°C
TC =
125
°CTC=25 °C
See “Package Dimensions”
section for variations. (4)
MIN
MIN
MAX
MAX
MAX
MAX
TYP
15 A
D2015L
200
200
9.5
15
225/188
0.1
0.5
1
1.6
210
2.85
D4015L
400
400
9.5
15
225/188
0.1
0.5
1
1.6
210
2.85
D6015L
600
600
9.5
15
225/188
0.1
0.5
1
1.6
210
2.58
D8015L
800
800
9.5
15
225/188
0.1
0.5
1
1.6
210
2.85
DK015L
1000
1000
9.5
15
225/188
0.1
3
1.6
210
2.85
20 A
D2020L
200
200
12.7
20
300/255
0.1
0.5
1
1.6
374
2.5
D4020L
400
400
12.7
20
300/255
0.1
0.5
1
1.6
374
2.5
D6020L
600
600
12.7
20
300/255
0.1
0.5
1
1.6
374
2.5
D8020L
800
800
12.7
20
300/255
0.1
0.5
1
1.6
374
2.5
DK020L
1000
1000
12.7
20
300/255
0.1
3
1.6
374
2.5
25 A
D2025L
200
200
15.9
25
350/300
0.1
0.5
1
1.6
508
2.7
D4025L
400
400
15.9
25
350/300
0.1
0.5
1
1.6
508
2.7
D6025L
600
600
15.9
25
350/300
0.1
0.5
1
1.6
508
2.7
D8025L
800
800
15.9
25
350/300
0.1
0.5
1
1.6
508
2.7
DK025L
1000
1000
15.9
25
350/300
0.1
3
1.6
508
2.7
C
A
Not
Used
Electrical Isolation
from Leads to Mounting Tab *
VAC RMS
TO-220
Isolated
2500
Standard
4000
Optional **



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com