Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC08FSM Datasheet(PDF) 95 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 95 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 91Page - Teccor Electronics AC08FSM Datasheet HTML 92Page - Teccor Electronics AC08FSM Datasheet HTML 93Page - Teccor Electronics AC08FSM Datasheet HTML 94Page - Teccor Electronics AC08FSM Datasheet HTML 95Page - Teccor Electronics AC08FSM Datasheet HTML 96Page - Teccor Electronics AC08FSM Datasheet HTML 97Page - Teccor Electronics AC08FSM Datasheet HTML 98Page - Teccor Electronics AC08FSM Datasheet HTML 99Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 223 page
background image
Data Sheets
Package Dimensions
2002 Teccor Electronics
M1 - 3
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
R Package — TO-220AB
Non-isolated Mounting Tab Common with Center Lead
L Package — TO-220AB
Isolated Mounting Tab
A
O
P
N
M
H
L
J
K
G
F
E
DIA.
B
C
D
Case
Temperature
Measurement
Point
Gate/Trigger
*
MT2 / Anode
MT1 / Cathode
Note: Maximum torque
to be applied to mounting tab
is 8 in-lbs. (0.904 Nm).
* The gate pin is not used
on diode rectifiers.
R Package
MT2 / Anode
R
Notch in gate
lead identifies
non-isolated tab
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.380
0.420
9.65
10.67
B
0.105
0.115
2.66
2.92
C
0.230
0.250
5.85
6.35
D
0.590
0.620
14.98
15.75
E
0.142
0.147
3.61
3.73
F
0.110
0.130
2.80
3.30
G
0.540
0.575
13.71
14.60
H
0.025
0.035
0.63
0.89
J
0.195
0.205
4.95
5.21
K
0.095
0.105
2.41
2.67
L
0.060
0.075
1.52
1.91
M
0.070
0.085
1.78
2.16
N
0.018
0.024
0.45
0.61
O
0.178
0.188
4.52
4.78
P
0.045
0.060
1.14
1.53
R
0.038
0.048
0.97
1.22
A
O
P
N
M
H
L
J
K
G
F
E
DIA.
B
C
D
Case
Temperature
Measurement
Point
Gate/Trigger
*
MT2 / Anode
MT1 / Cathode
Note: Maximum torque
to be applied to mounting tab
is 8 in-lbs. (0.904 Nm).
* The gate pin is not used
on diode rectifiers.
R Package
MT2 / Anode
R
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.380
0.420
9.65
10.67
B
0.105
0.115
2.66
2.92
C
0.230
0.250
5.85
6.35
D
0.590
0.620
14.98
15.75
E
0.142
0.147
3.61
3.73
F
0.110
0.130
2.80
3.30
G
0.540
0.575
13.71
14.60
H
0.025
0.035
0.63
0.89
J
0.195
0.205
4.95
5.21
K
0.095
0.105
2.41
2.67
L
0.060
0.075
1.52
1.91
M
0.070
0.085
1.78
2.16
N
0.018
0.024
0.45
0.61
O
0.178
0.188
4.52
4.78
P
0.045
0.060
1.14
1.53
R
0.038
0.048
0.97
1.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com