Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC08FSM Datasheet(PDF) 40 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 40 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 36Page - Teccor Electronics AC08FSM Datasheet HTML 37Page - Teccor Electronics AC08FSM Datasheet HTML 38Page - Teccor Electronics AC08FSM Datasheet HTML 39Page - Teccor Electronics AC08FSM Datasheet HTML 40Page - Teccor Electronics AC08FSM Datasheet HTML 41Page - Teccor Electronics AC08FSM Datasheet HTML 42Page - Teccor Electronics AC08FSM Datasheet HTML 43Page - Teccor Electronics AC08FSM Datasheet HTML 44Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 223 page
background image
Quadrac
Data Sheets
http://www.teccor.com
E3 - 2
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Specific Test Conditions
[∆V±] — Dynamic breakback voltage (forward and reverse)
∆VBO — Breakover voltage symmetry
CT — Trigger firing capacitance
di/dt — Maximum rate-of-change of on-state current
dv/dt — Critical rate-of-rise of off-state voltage at rated VDRM gate open
dv/dt(c) — Critical rate-of-rise of commutation voltage at rated VDRM
and IT(RMS) commutating di/dt = 0.54 rated IT(RMS)/ms; gate
unenergized
I2t — RMS surge (non-repetitive) on-state current for period of 8.3 ms
for fusing
IBO — Peak breakover current
IDRM — Peak off-state current gate open; VDRM = maximum rated value
IGTM — Peak gate trigger current (10 µs Max)
IH — Holding current; gate open
IT(RMS) — RMS on-state current, conduction angle of 360°
ITSM — Peak one-cycle surge
tgt — Gate controlled turn-on time
VBO — Breakover voltage (forward and reverse)
VDRM — Repetitive peak blocking voltage
VTM — Peak on-state voltage at maximum rated RMS current
General Notes
•
All measurements are made at 60 Hz with resistive load at an ambi-
ent temperature of +25
°C unless otherwise specified.
•
Operating temperature range (TJ) is -40
°C to +125 °C.
•
Storage temperature range (TS) is -40
°C to +125 °C.
•
Lead solder temperature is a maximum of +230
°C for 10 seconds
maximum;
≥1/16" (1.59 mm) from case.
•
The case temperature (TC) is measured as shown on dimensional
outline drawings. See “Package Dimensions” section of this
catalog.
Electrical Specification Notes
(1) For either polarity of MT2 with reference to MT1
(2) See Figure E3.1 for IH versus TC.
(3) See Figure E3.4 and Figure E3.5 for iT versus vT.
(4) See Figure E3.9 for surge ratings with specific durations.
IT(RMS)
Part No.
VDRM
IDRM
VTM
Trigger Diac Specifications (T–MT1)
Isolated
∆VBO
VBO
[
∆V± ]IBO
CT
(5)
TO-220
(1)
Volts
(1) (10)
mAmps
(1) (3)
Volts
(7)
Volts
(6)
Volts
(6)
Volts
µAmps
(11)
µFarads
TC =
25 °C
TC =
100 °C
TC =
125 °C
TC = 25 °C
See “Package Dimensions” section
for variations. (12)
MIN
MAX
MAX
MAX
MIN
MAX
MIN
MAX
MAX
4A
Q2004LT
200
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q4004LT
400
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q6004LT
600
0.05
0.5
2
1.6
3
33
43
5
25
0.1
6A
Q2006LT
200
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q4006LT
400
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q6006LT
600
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q4006LTH
400
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q6006LTH
600
0.05
0.5
2
1.6
3
33
43
5
25
0.1
8A
Q2008LT
200
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q4008LT
400
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q6008LT
600
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q4008LTH
400
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q6008LTH
600
0.05
0.5
2
1.6
3
33
43
5
25
0.1
10 A
Q2010LT
200
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q4010LT
400
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q6010LT
600
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q4010LTH
400
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q6010LTH
600
0.05
0.5
2
1.6
3
33
43
5
25
0.1
15 A
Q2015LT
200
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q4015LT
400
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q6015LT
600
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q4015LTH
400
0.05
0.5
2
1.6
3
33
43
5
25
0.1
Q6015LTH
600
0.05
0.5
2
1.6
3
33
43
5
25
0.1
MT1
MT2
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com