Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC08FSM Datasheet(PDF) 94 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 94 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 90Page - Teccor Electronics AC08FSM Datasheet HTML 91Page - Teccor Electronics AC08FSM Datasheet HTML 92Page - Teccor Electronics AC08FSM Datasheet HTML 93Page - Teccor Electronics AC08FSM Datasheet HTML 94Page - Teccor Electronics AC08FSM Datasheet HTML 95Page - Teccor Electronics AC08FSM Datasheet HTML 96Page - Teccor Electronics AC08FSM Datasheet HTML 97Page - Teccor Electronics AC08FSM Datasheet HTML 98Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 223 page
background image
Package Dimensions
Data Sheets
http://www.teccor.com
M1 - 2
2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
F Package — TO-202AB, Type 1
Non-isolated Mounting Tab Common with MT2 / Anode / PIN 2
Y Package — DO-35 or DO-204AH
(1) Package contour optional within dimensions A and C. Slugs, if any,
shall be included within this cylinder but shall not be subject to the
minimum limit of Dimension A.
(2) Lead diameter is not controlled in this zone to allow for flash, lead
finish build-up, and minor irregularities other than slugs.
N
P
Q
S
0.070 x 45˚Chamfer Common to
All Types
L
K
J
M
MT1 / Cathode / PIN 1
MT2 / Anode / PIN 2
Case
Temperature
Measurement
Point
Tab Common to
MT2 / Anode / PIN 2
A
B
C
D
G
F
H
E
Notes:
(1) Maximum torque to be applied to mounting tab is 8 in-lbs. (0.904 Nm)
(2) Pin 2 and mounting tab are electrically connected. Do not use either
for Sidac operation.
Gate / Trigger / PIN 3
R
DIA.
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.365
0.385
9.27
9.78
B
0.243
0.253
6.17
6.43
C
0.110
0.120
2.79
3.05
D
0.780
0.810
19.81
20.57
E
0.290
0.310
7.37
7.87
F
0.400
0.430
10.16
10.92
G
0.052
0.062
1.32
1.58
H
0.055
0.065
1.40
1.65
J
0.023
0.029
0.58
0.74
K
0.095
0.105
2.41
2.67
L
0.195
0.205
4.95
5.21
M
0.049
0.059
1.24
1.50
N
0.017
0.023
0.43
0.58
P
0.055
0.065
1.40
1.65
Q
0.175
0.185
4.45
4.70
R
0.124
0.130
3.15
3.30
S
0.390
0.405
9.91
10.29
C
B
A
DIA.
1
1
2
D
DIA.
TYP
E
TYP
B
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.060
0.090
1.530
2.280
B
0.015
0.381
C
0.135
0.165
3.430
4.190
D
0.018
0.022
0.458
0.558
E
1.000
25.400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com