Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC08FSM Datasheet(PDF) 46 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 46 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 42Page - Teccor Electronics AC08FSM Datasheet HTML 43Page - Teccor Electronics AC08FSM Datasheet HTML 44Page - Teccor Electronics AC08FSM Datasheet HTML 45Page - Teccor Electronics AC08FSM Datasheet HTML 46Page - Teccor Electronics AC08FSM Datasheet HTML 47Page - Teccor Electronics AC08FSM Datasheet HTML 48Page - Teccor Electronics AC08FSM Datasheet HTML 49Page - Teccor Electronics AC08FSM Datasheet HTML 50Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 223 page
background image
Alternistor Triacs
Data Sheets
http://www.teccor.com
E4 - 2
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
See “General Notes” and “Electrical Specification Notes” on page E4 - 5.
IT(RMS)
Part Number
VDRM
IGT
IDRM
Isolated
Non-isolated
(4)(16)
T0-220
TO-220
TO-251
V-Pak
TO-252
D-Pak
TO-263
D2Pak
(1)
Volts
(3) (7) (15) (17)
mAmps
(1) (18)
mAmps
QI
QII
QIII
TC =
25 °C
TC =
100 °C
TC =
125 °C
MAX
See “Package Dimensions” section for variations. (11)
MIN
MAX
MAX
6A
Q2006VH3
Q2006DH3
200
10
10
10
0.01
0.5
2
Q4006VH3
Q4006DH3
400
10
10
10
0.01
0.5
2
Q6006VH3
Q6006DH3
600
10
10
10
0.01
0.5
2
Q8006VH3
Q8006DH3
800
10
10
10
0.01
0.5
2
QK006VH3
QK006DH3
1000
10
10
10
0.02
2
Q2006VH4
Q2006DH4
200
35
35
35
0.01
0.5
2
Q4006VH4
Q4006DH4
400
35
35
35
0.01
0.5
2
Q6006VH4
Q6006DH4
600
35
35
35
0.01
0.5
2
Q8006VH4
Q8006DH4
800
35
35
35
0.01
0.5
2
QK006VH4
QK006DH4
1000
35
35
35
0.02
2
Q2006LH4
Q2006RH4
Q2006NH4
200
35
35
35
0.01
0.5
2
Q4006LH4
Q4006RH4
Q4006NH4
400
35
35
35
0.01
0.5
2
Q6006LH4
Q6006RH4
Q6006NH4
600
35
35
35
0.01
0.5
2
Q8006LH4
Q8006RH4
Q8006NH4
800
35
35
35
0.01
0.5
2
QK006LH4
QK006RH4
QK006NH4
1000
35
35
35
0.02
3
8A
Q2008VH3
Q2008DH3
200
10
10
10
0.01
0.5
2
Q4008VH3
Q4008DH3
400
10
10
10
0.01
0.5
2
Q6008VH3
Q6008DH3
600
10
10
10
0.01
0.5
2
Q8008VH3
Q8008DH3
800
10
10
10
0.01
0.5
2
QK008VH3
QK008DH3
1000
10
10
10
0.02
2
Q2008VH4
Q2008DH4
200
35
35
35
0.01
0.5
2
Q4008VH4
Q4008DH4
400
35
35
35
0.01
0.5
2
Q6008VH4
Q6008DH4
600
35
35
35
0.01
0.5
2
Q8008VH4
Q8008DH4
800
35
35
35
0.01
0.5
2
QK008VH4
QK008DH4
1000
35
35
35
0.02
2
Q2008LH4
Q2008RH4
Q2008NH4
200
35
35
35
0.01
0.5
2
Q4008LH4
Q4008RH4
Q4008NH4
400
35
35
35
0.01
0.5
2
Q6008LH4
Q6008RH4
Q6008NH4
600
35
35
35
0.01
0.5
2
Q8008LH4
Q8008RH4
Q8008NH4
800
35
35
35
0.01
0.5
2
QK008LH4
QK008RH4
QK008NH4
1000
35
35
35
0.02
3
10 A
Q2010LH5
Q2010RH5
Q2010NH5
200
50
50
50
0.01
0.5
2
Q4010LH5
Q4010RH5
Q4010NH5
400
50
50
50
0.01
0.5
2
Q6010LH5
Q6010RH5
Q6010NH5
600
50
50
50
0.01
0.5
2
Q8010LH5
Q8010RH5
Q8010NH5
800
50
50
50
0.01
0.5
2
QK010LH5
QK010RH5
QK010NH5
1000
50
50
50
0.02
3
12 A
Q2012LH5
Q2012RH5
Q2012NH5
200
50
50
50
0.01
0.5
2
Q4012LH5
Q4012RH5
Q4012NH5
400
50
50
50
0.01
0.5
2
Q6012LH5
Q6012RH5
Q6012NH5
600
50
50
50
0.01
0.5
2
Q8012LH5
Q8012RH5
Q8012NH5
800
50
50
50
0.01
0.5
2
QK012LH5
QK012RH5
QK012NH5
1000
50
50
50
0.02
3
MT1
MT2
G
MT1
G
MT2
MT2
MT2
MT2
G
MT1
MT2
MT2
MT1
G
MT2
MT2
MT1
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com