Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC08FSM Datasheet(PDF) 89 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 89 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 85Page - Teccor Electronics AC08FSM Datasheet HTML 86Page - Teccor Electronics AC08FSM Datasheet HTML 87Page - Teccor Electronics AC08FSM Datasheet HTML 88Page - Teccor Electronics AC08FSM Datasheet HTML 89Page - Teccor Electronics AC08FSM Datasheet HTML 90Page - Teccor Electronics AC08FSM Datasheet HTML 91Page - Teccor Electronics AC08FSM Datasheet HTML 92Page - Teccor Electronics AC08FSM Datasheet HTML 93Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 223 page
background image
©2002 Teccor Electronics
E9 - 3
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Data Sheets
Sidac
* Mounted on 1 cm2 copper foil surface; two-ounce copper foil
**
RθJA for TO-202 Type 23 and Type 41 is 70 °C/Watt.
Figure E9.1 Peak Surge Current versus Surge Current Duration
Figure E9.2 Normalized DC Holding Current versus Case/Lead
Temperature
VTM
ITSM
RS
dv/dt
di/dt
Volts
MAX
(5)
Amps
(8)
k
Ω
Volts/µSec
Amps/µSec
Package
60 Hz
50 Hz
EG
F
S
MIN
MIN
TYP
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
3
1.5
20
16.7
0.1
1500
150
1.5
1.5
3
1.5
20
16.7
0.1
1500
150
1.5
1.5
3
1.5
20
16.7
0.1
1500
150
1.5
1.5
3
1.5
20
16.7
0.1
1500
150
3
20
16.7
0.1
1500
150
Thermal Resistance (Steady State)
RθJC [RθJA] °C/W (TYPICAL)
E Package
G Package
F Package
S Package
35 [95]
18 [75]
7 [45] **
30 * [85]
1.0
10
100
1000
1.0
2.0
4.0
6.0
8.0
10
20
40
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT: IT RMS Maximum Rated
Value at Specified Junction Temperature
Notes:
1) Blocking capability may be lost during
and immediately following surge
current interval.
2) Overload may not be repeated until
junction temperature has returned
to steady-state rated value.
Surge Current Duration – Full Cycles
100
0
.5
1.0
2.0
1.5
-15
-40
+25
+65
+105
+125
Case Temperature (TC) –
˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com