Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC08FSM Datasheet(PDF) 124 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 124 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 120Page - Teccor Electronics AC08FSM Datasheet HTML 121Page - Teccor Electronics AC08FSM Datasheet HTML 122Page - Teccor Electronics AC08FSM Datasheet HTML 123Page - Teccor Electronics AC08FSM Datasheet HTML 124Page - Teccor Electronics AC08FSM Datasheet HTML 125Page - Teccor Electronics AC08FSM Datasheet HTML 126Page - Teccor Electronics AC08FSM Datasheet HTML 127Page - Teccor Electronics AC08FSM Datasheet HTML 128Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 223 page
background image
AN1001
Application Notes
http://www.teccor.com
AN1001 - 4
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Electrical Characteristic Curves of Thyristors
Figure AN1001.12
V-I Characteristics of SCR Device
Figure AN1001.13
V-I Characteristics of Triac Device
Figure AN1001.14
V-I Characteristics of Bilateral Trigger Diac
Figure AN1001.15
V-I Characteristics of a Sidac Chip
Methods of Switching on Thyristors
Three general methods are available for switching thyristors to
on-state condition:
•
Application of gate signal
•
Static dv/dt turn-on
•
Voltage breakover turn-on
Application Of Gate Signal
Gate signal must exceed IGT and VGT requirements of the thyristor
used. For an SCR (unilateral device), this signal must be positive
with respect to the cathode polarity. A triac (bilateral device) can
be turned on with gate signal of either polarity; however, different
polarities have different requirements of IGT and VGT which must
be satisfied. Since diacs and sidacs do not have a gate, this
method of turn-on is not applicable. In fact, the single major
application of diacs is to switch on triacs.
Static dv/dt Turn-on
Static dv/dt turn-on comes from a fast-rising voltage applied
across the anode and cathode terminals of an SCR or the main
terminals of a triac. Due to the nature of thyristor construction, a
small junction capacitor is formed across each PN junction.
Figure AN1001.16 shows how typical internal capacitors are
linked in gated thyristors.
Figure AN1001.16
Internal Capacitors Linked in Gated Thyristors
Reverse
Breakdown
Voltage
Forward
Breakover
Voltage
Specified Minimum
Off - State
Blocking
Voltage (VDRM)
+I
-I
+V
-V
Minimum Holding
Current (IH)
Voltage Drop (VT) at
Specified Current (iT)
Latching Current (IL)
Off - State Leakage
Current - (IDRM) at
Specified VDRM
Specified Minimum
Reverse Blocking
Voltage (VRRM)
Reverse Leakage
Current - (IRRM) at
Specified VRRM
Breakover
Voltage
Specified Minimum
Off-state
Blocking
Voltage (VDRM)
+I
-I
+V
-V
Minimum Holding
Current (IH)
Voltage Drop (VT) at
Specified Current (iT)
Latching Current (IL)
Off-state Leakage
Current – (IDRM) at
Specified VDRM
+I
-I
10 mA
+V
-V
Breakover
Current
IBO
Breakover
Voltage
VBO
∆V
-V
+I
VDRM
+V
VS
IS
IH
RS
IDRM
IBO
VBO
VT
IT
(IS - IBO)
(VBO - VS)
RS =
-I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com