Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC08FSM Datasheet(PDF) 133 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 133 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 129Page - Teccor Electronics AC08FSM Datasheet HTML 130Page - Teccor Electronics AC08FSM Datasheet HTML 131Page - Teccor Electronics AC08FSM Datasheet HTML 132Page - Teccor Electronics AC08FSM Datasheet HTML 133Page - Teccor Electronics AC08FSM Datasheet HTML 134Page - Teccor Electronics AC08FSM Datasheet HTML 135Page - Teccor Electronics AC08FSM Datasheet HTML 136Page - Teccor Electronics AC08FSM Datasheet HTML 137Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 223 page
background image
©2002 Teccor Electronics
AN1003 - 1
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
AN10039
Phase Control Using Thyristors
Introduction
Due to high-volume production techniques, thyristors are now
priced so that almost any electrical product can benefit from elec-
tronic control. A look at the fundamentals of SCR and triac phase
controls shows how this is possible.
Output Power Characteristics
Phase control is the most common form of thyristor power con-
trol. The thyristor is held in the off condition — that is, all current
flow in the circuit is blocked by the thyristor except a minute leak-
age current. Then the thyristor is triggered into an “on” condition
by the control circuitry.
For full-wave AC control, a single triac or two SCRs connected in
inverse parallel may be used. One of two methods may be used
for full-wave DC control — a bridge rectifier formed by two SCRs
or an SCR placed in series with a diode bridge as shown in
Figure AN1003.1.
Figure AN1003.1
SCR/Triac Connections for Various Methods of
Phase Control
Figure AN1003.2 illustrates voltage waveform and shows com-
mon terms used to describe thyristor operation. Delay angle is
the time during which the thyristor blocks the line voltage. The
conduction angle is the time during which the thyristor is on.
It is important to note that the circuit current is determined by the
load and power source. For simplification, assume the load is
resistive; that is, both the voltage and current waveforms are
identical.
Figure AN1003.2
Sine Wave Showing Principles of Phase Control
Different loads respond to different characteristics of the AC
waveform. For example, some are sensitive to average voltage,
some to RMS voltage, and others to peak voltage. Various volt-
age characteristics are plotted against conduction angle for
half- and full-wave phase control circuits in Figure AN1003.3
and Figure AN1003.4.
Control
Circuit
Line
Load
Two SCR AC Control
Control
Circuit
Triac AC Control
Line
Load
Control
Circuit
One SCR DC Control
Control
Circuit
Line
Line
Load
Two SCR DC Control
Load
Full-wave Rectified Operation
Voltage Applied to Load
Delay (Triggering) Angle
Conduction Angle
AN1003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com