Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC08FSM Datasheet(PDF) 140 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 140 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 136Page - Teccor Electronics AC08FSM Datasheet HTML 137Page - Teccor Electronics AC08FSM Datasheet HTML 138Page - Teccor Electronics AC08FSM Datasheet HTML 139Page - Teccor Electronics AC08FSM Datasheet HTML 140Page - Teccor Electronics AC08FSM Datasheet HTML 141Page - Teccor Electronics AC08FSM Datasheet HTML 142Page - Teccor Electronics AC08FSM Datasheet HTML 143Page - Teccor Electronics AC08FSM Datasheet HTML 144Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 223 page
background image
AN1003
Application Notes
http://www.teccor.com
AN1003 - 8
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Figure AN1003.23
Microcontroller Light Dimmer Control
With a zero crossing state detected, software can be written to
turn on the triac by going from tri-state to a logic high on the gate
and be synchronized with the AC phase cycles (Quadrants I
and IV). Using pull-down switches connected to the microcontol-
ler inputs, the user can signal the software to adjust the duty
cycle of the triac.
For higher amperage loads, a small 0.8 A, TO-92 triac (operating
in Quadrants I and IV) can be used to drive a 25 A alternistor
triac (operating in Quadrants I and III) as shown in the heater
control illustration in Figure AN1003.24.
For a complete listing of the software used to control this circuit,
see the Microchip application note PICREF-4. This application
note can be downloaded from Microchip's Web site at
www.microchip.com.
120 V ac
(High)
AC
(Return)
White
RV1
Varistor
R1
47
C3
0.1 µF
+5 V
R2
1 M
D1
1N4001
D1
1N4001
R3
20 M
D3
1N5231
C1
220 µF
C2
0.01 µF
VDD
GP5
GP4
GP3
VSS
GP0
GP1
GP2
R6
470
Q1
L4008L5
R4
470
R5
470
S2
S1
Bright
Dim
VDD
150 W
Lamp
JP1
Remote
Switch
Connector
1
2
3
U1
12C508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com