Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC08FSM Datasheet(PDF) 150 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 150 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 146Page - Teccor Electronics AC08FSM Datasheet HTML 147Page - Teccor Electronics AC08FSM Datasheet HTML 148Page - Teccor Electronics AC08FSM Datasheet HTML 149Page - Teccor Electronics AC08FSM Datasheet HTML 150Page - Teccor Electronics AC08FSM Datasheet HTML 151Page - Teccor Electronics AC08FSM Datasheet HTML 152Page - Teccor Electronics AC08FSM Datasheet HTML 153Page - Teccor Electronics AC08FSM Datasheet HTML 154Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 223 page
background image
AN1005
Application Notes
http://www.teccor.com
AN1005 - 2
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Reflow Soldering Zones
Zone 1: Initial Pre-heating Stage (25 °C to 150 °C)
•
Excess solvent is driven off.
•
PCB and Components are gradually heated up.
•
Temperature gradient shall be <2.5 °C/Sec.
Zone 2: Soak Stage (150 °C to 180 °C)
•
Flux components start activation and begin to reduce the
oxides on component leads and PCB pads.
•
PCB components are brought nearer to the temperature at
which solder bonding can occur.
•
Soak allows different mass components to reach the same
temperature.
•
Activated flux keeps metal surfaces from re-oxidizing.
Zone 3: Reflow Stage (180 °C to 235 °C)
•
Paste is brought to the alloy’s melting point.
•
Activated flux reduces surface tension at the metal interface so
metallurgical bonding occurs.
Zone 4: Cool-down Stage (180 °C to 25 °C)
Assembly is cooled evenly so thermal shock to the components
or PCB is reduced.
The surface tension of the liquid solder tends to draw the leads of
the device towards the center of the soldering area and so has a
correcting effect on slight mispositionings. However, if the layout
is not optimized, the same effect can result in undesirable shifts,
particularly if the soldering areas on the substrate and the com-
ponents are not concentrically arranged. This problem can be
solved by using a standard contact pattern which leaves suffi-
cient scope for the self-positioning effect (Figure AN1005.3 and
Figure AN1005.4) Figure AN1005.5 shows the reflow soldering
procedure.
Figure AN1005.3
Minimum Required Dimensions of Metal Connection
of Typical DO-214 Pads on Hybrid Thick- and Thin-
film Substrates
Figure AN1005.4
Modified DO-214 Compak — Three-leaded Surface
Mount Package
Figure AN1005.5
Reflow Soldering Procedure
After the solder is set and cooled, visually inspect the connec-
tions and, where necessary, correct with a soldering iron. Finally,
the remnants of the flux must be removed carefully.
Use vapor degrease with an azeotrope solvent or equivalent to
remove flux. Allow to dry.
After the drying procedure is complete, the assembly is ready for
testing and/or further processing.
0.079
(2.0)
0.110
(2.8)
0.079
(2.0)
Pad Outline
Dimensions are in inches (and millimeters).
0.079
(2.0)
0.040
(1.0)
0.030
(0.76)
0.079
(2.0)
0.079
(2.0)
0.110
(2.8)
Pad Outline
Dimensions are in inches (and millimeters).
1. Screen print solder paste
(or flux)
2. Place component
(allow flux to dry)
3. Reflow solder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com