Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC08FSM Datasheet(PDF) 166 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 166 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 162Page - Teccor Electronics AC08FSM Datasheet HTML 163Page - Teccor Electronics AC08FSM Datasheet HTML 164Page - Teccor Electronics AC08FSM Datasheet HTML 165Page - Teccor Electronics AC08FSM Datasheet HTML 166Page - Teccor Electronics AC08FSM Datasheet HTML 167Page - Teccor Electronics AC08FSM Datasheet HTML 168Page - Teccor Electronics AC08FSM Datasheet HTML 169Page - Teccor Electronics AC08FSM Datasheet HTML 170Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 223 page
background image
AN1006
Application Notes
http://www.teccor.com
AN1006 - 14
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Procedure 3: (-) VDRM and (-) IDRM
To measure the (-)VDRM and (-)IDRM parameter:
1. Set Polarity to (–).
2. Repeat Procedures 1 and 2. (Read measurements from
upper right corner of the screen).
Procedure 4: VBO and IBO
To measure the VBO and IBO parameter:
1. Set Variable Collector Supply Voltage Range to 1500 Max
Peak Volts. (2000 V on 370)
2. Set Horizontal knob to a sufficient scale to allow viewing of
trace at the required voltage level (50 V/DIV for 95 V to
215 V VBO range devices and 100 V/DIV for devices having
VBO ≥ 15 V).
3. Set Vertical knob to 50 µA/DIV.
4. Set Polarity to AC.
5. Set Mode to Norm.
6. Set Power Dissipation to 10 W.
7. Set Terminal Selector to Emitter Grounded-Open Base.
8. Set Left-Right Terminal Jack Selector to correspond with
location of test fixture.
Procedure 5: VBO
To measure the VBO parameter, increase Variable Collector
Supply Voltage until breakover occurs. (Figure AN1006.23) The
voltage at which current begins to flow and voltage on CRT does
not increase is the VBO value.
Figure AN1006.23 (+)VBO = 100 V; (-)VBO = 100 V; (±)IBO < 10 µA
Procedure 6: IBO
To measure the IBO parameter, at the VBO point, measure the
amount of device current just before the device reaches the
breakover mode. The measured current at this point is the IBO
value.
Note: If IBO is less than 10 µA, the current cannot readily be seen
on the curve tracer.
Procedure 7: IH(Forward and Reverse)
To measure the IH (Forward and Reverse) parameter:
1. Set Variable Collector Supply Voltage Range to 1500 Max
Peak Volts (400 V on 577; 2000 V on 370).
2. Set Horizontal knob to a sufficient scale to allow viewing of
trace at the required voltage level (50 V/DIV for devices with
VBO range from 95 V to 215 V and 100 V/DIV for devices
having VBO
≥ 215 V).
3. Set Vertical knob to 20% of maximum holding current speci-
fied.
4. Set Polarity to AC.
5. Set Mode to Norm.
6. Set Power Dissipation to 220 W (100 W on 577).
7. Set Terminal Selector to Emitter Grounded-Open Base.
8. Set Left-Right Terminal Jack Selector to correspond with
the location of the test fixture.
WARNING: Limit test time to 15 seconds maximum.
9. Increase Variable Collector Supply Voltage until device
breaks over and turns on. (Figure AN1006.24)
Figure AN1006.24 IH = 48 mA in both forward and reverse
directions
IH is the vertical distance between the center horizontal axis and
the beginning of the line located on center vertical axis.
Procedure 8: VTM(Forward and Reverse)
To measure the VTM (Forward and Reverse) parameter:
1. Set Variable Collector Supply Voltage Range to 350 Max
Peak Volts. (400 V on 370)
2. Set Horizontal knob to 0.5 V/DIV.
3. Set Vertical knob to 0.5 A/DIV.
4. Set Polarity to (+).
5. Set Mode to Norm.
6. Set Power Dissipation to 220 W (100 W on 577).
7. Set Terminal Selector to Emitter Grounded-Open Base.
Before continuing with testing, note the following:
•
A Kelvin test fixture is required for this test. If a Kelvin fixture is
not used, an error in measurement of VTM will result due to volt-
age drop in fixture. If a Kelvin fixture is not available,
Figure AN1006.3 shows necessary information to wire a test
fixture with Kelvin Connections.
50
A
50
V
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
()k
DIV
9m
PER
DIV
VBO
+VBO
+IBO
IBO
20
mA
50
V
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
()k
DIV
9m
PER
DIV
IH
IH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com