Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC08FSM Datasheet(PDF) 173 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 173 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 169Page - Teccor Electronics AC08FSM Datasheet HTML 170Page - Teccor Electronics AC08FSM Datasheet HTML 171Page - Teccor Electronics AC08FSM Datasheet HTML 172Page - Teccor Electronics AC08FSM Datasheet HTML 173Page - Teccor Electronics AC08FSM Datasheet HTML 174Page - Teccor Electronics AC08FSM Datasheet HTML 175Page - Teccor Electronics AC08FSM Datasheet HTML 176Page - Teccor Electronics AC08FSM Datasheet HTML 177Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 223 page
background image
©2002 Teccor Electronics
AN1007 - 1
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
7
Thyristors Used as AC Static Switches and Relays
Introduction
Since the SCR and the triac are bistable devices, one of their
broad areas of application is in the realm of signal and power
switching. This application note describes circuits in which these
thyristors are used to perform simple switching functions of a
general type that might also be performed non-statically by vari-
ous mechanical and electromechanical switches. In these appli-
cations, the thyristors are used to open or close a circuit
completely, as opposed to applications in which they are used to
control the magnitude of average voltage or energy being deliv-
ered to a load. These latter types of applications are described in
detail in “Phase Control Using Thyristors” (AN1003).
Static AC Switches
Normally Open Circuit
The circuit shown in Figure AN1007.1 provides random (any-
where in half-cycle), fast turn-on (<10 µs) of AC power loads and
is ideal for applications with a high-duty cycle. It eliminates com-
pletely the contact sticking, bounce, and wear associated with
conventional electromechanical relays, contactors, and so on. As
a substitute for control relays, thyristors can overcome the differ-
ential problem; that is, the spread in current or voltage between
pickup and dropout because thyristors effectively drop out every
half cycle. Also, providing resistor R1 is chosen correctly, the cir-
cuits are operable over a much wider voltage range than is a
comparable relay. Resistor R1 is provided to limit gate current
(IGTM) peaks. Its resistance plus any contact resistance (RC) of the
control device and load resistance (RL) should be just greater
than the peak supply voltage divided by the peak gate current
rating of the triac. If R1 is set too high, the triacs may not trigger
at the beginning of each cycle, and phase control of the load will
result with consequent loss of load voltage and waveform distor-
tion. For inductive loads, an RC snubber circuit, as shown in Fig-
ure AN1007.1, is required. However, a snubber circuit is not
required when an alternistor is used.
Figure AN1007.2 illustrates an analysis to better understand a
typical static switch circuit. The circuit operation occurs when
switch S1 is closed, since the triac Q1 will initially be in the block-
ing condition. Current flow will be through load RL, S1, R1, and
gate to MT1 junction of the thyristor. When this current reaches
the required value of IGT, the MT2 to MT1 junctions will switch to
the conduction state and the voltage from MT2 to MT1 will be VT.
As the current approaches the zero crossing, the load current will
fall below holding current turning the triac Q1 device off until it is
refired in the next half cycle. Figure AN1007.3 illustrates the volt-
age waveform appearing across the MT2 to MT1 terminals of Q1.
Note that the maximum peak value of current which S1 will carry
would be 25 mA since Q1 has a 25 mA maximum IGT rating. Addi-
tionally, no arcing of a current value greater than 25 mA when
opening S1 will occur when controlling an inductive load. It is
important also to note that the triac Q1 is operating in Quadrants I
and III, the more sensitive and most suitable gating modes for tri-
acs. The voltage rating of S1 (mechanical switch or reed switch)
must be equivalent to or greater than line voltage applied.
Figure AN1007.1
Basic Triac Static Switch
Figure AN1007.2
Analysis of Static Switch
Load
RL
R1
100
Ω
R2
100
Ω
S1
Control
Device
Reed
Switch
For
Inductive
Loads
C1
0.1 µF
Triac
R1 ≥
√2•V
(RL + RC) Where IGTM is Peak Gate Current
Rating of Triac
IGTM
VRMS
MT1
I GT
MT2
AC Voltage Input
120 V rms, 60 Hz
VIN
RL
S1
I GT
V GT
Q1
+
-
Load
R1
G
Q2008L4
AN1007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com