Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324LJ4T5 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 19Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 20Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 21Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 22Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 23Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 24Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 25Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 26Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 151 page
background image
ST72F324L, ST72324BL
23/151
6.2 MULTI-OSCILLATOR (MO)
The main clock of the ST7 can be generated by
three different source types coming from the multi-
oscillator block:
■ an external source
■ 4 crystal or ceramic resonator oscillators
■ an internal high frequency RC oscillator
Each oscillator is optimized for a given frequency
range in terms of consumption and is selectable
through the option byte. The associated hardware
configurations are shown in Table 5. Refer to the
electrical characteristics section for more details.
Caution: The OSC1 and/or OSC2 pins must not
be left unconnected. For the purposes of Failure
Mode and Effect Analysis, it should be noted that if
the OSC1 and/or OSC2 pins are left unconnected,
the ST7 main oscillator may start and, in this con-
figuration, could generate an fOSC clock frequency
in excess of the allowed maximum (>16MHz.),
putting the ST7 in an unsafe/undefined state. The
product behaviour must therefore be considered
undefined when the OSC pins are left unconnect-
ed.
External Clock Source
In this external clock mode, a clock signal (square,
sinus or triangle) with ~50% duty cycle has to drive
the OSC1 pin while the OSC2 pin is tied to ground.
Crystal/Ceramic Oscillators
This family of oscillators has the advantage of pro-
ducing a very accurate rate on the main clock of
the ST7. The selection within a list of 4 oscillators
with different frequency ranges has to be done by
option byte in order to reduce consumption (refer
to Section 14.1 on page 139 for more details on
the frequency ranges). In this mode of the multi-
oscillator, the resonator and the load capacitors
have to be placed as close as possible to the oscil-
lator pins in order to minimize output distortion and
start-up stabilization time. The loading capaci-
tance values must be adjusted according to the
selected oscillator.
These oscillators are not stopped during the
RESET phase to avoid losing time in the oscillator
start-up phase.
Internal RC Oscillator
This oscillator allows a low cost solution for the
main clock of the ST7 using only an internal resis-
tor and capacitor. Internal RC oscillator mode has
the drawback of a lower frequency accuracy and
should not be used in applications that require ac-
curate timing.
In this mode, the two oscillator pins have to be tied
to ground.
Table 5. ST7 Clock Sources
Hardware Configuration
OSC1
OSC2
EXTERNAL
ST7
SOURCE
OSC1
OSC2
LOAD
CAPACITORS
ST7
CL2
CL1
OSC1
OSC2
ST7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com