Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324LJ4T5 Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 44Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 45Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 46Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 47Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 48Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 49Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 50Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 51Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 151 page
background image
ST72F324L, ST72324BL
48/151
WATCHDOG TIMER (Cont’d)
10.1.5 Low Power Modes
10.1.6 Hardware Watchdog Option
If Hardware Watchdog is selected by option byte,
the watchdog is always active and the WDGA bit in
the WDGCR is not used. Refer to the Option Byte
description.
10.1.7
Using
Halt
Mode
with
the
WDG
(WDGHALT option)
The following recommendation applies if Halt
mode is used when the watchdog is enabled.
– Before executing the HALT instruction, refresh
the WDG counter, to avoid an unexpected WDG
reset immediately after waking up the microcon-
troller.
10.1.8 Interrupts
None.
10.1.9 Register Description
CONTROL REGISTER (WDGCR)
Read/Write
Reset Value: 0111 1111 (7Fh)
Bit 7 = WDGA Activation bit.
This bit is set by software and only cleared by
hardware after a reset. When WDGA = 1, the
watchdog can generate a reset.
0: Watchdog disabled
1: Watchdog enabled
Note: This bit is not used if the hardware watch-
dog option is enabled by option byte.
Bit 6:0 = T[6:0] 7-bit counter (MSB to LSB).
These bits contain the value of the watchdog
counter. It is decremented every 16384 fOSC2 cy-
cles (approx.). A reset is produced when it rolls
over from 40h to 3Fh (T6 becomes cleared).
Mode
Description
SLOW
No effect on Watchdog.
WAIT
No effect on Watchdog.
HALT
OIE bit in
MCCSR
register
WDGHALT bit
in Option
Byte
00
No Watchdog reset is generated. The MCU enters Halt mode. The Watch-
dog counter is decremented once and then stops counting and is no longer
able to generate a watchdog reset until the MCU receives an external inter-
rupt or a reset.
If an external interrupt is received, the Watchdog restarts counting after 256
or 4096 CPU clocks. If a reset is generated, the Watchdog is disabled (reset
state) unless Hardware Watchdog is selected by option byte. For applica-
tion recommendations see Section 10.1.7 below.
0
1
A reset is generated.
1x
No reset is generated. The MCU enters Active Halt mode. The Watchdog
counter is not decremented. It stop counting. When the MCU receives an
oscillator interrupt or external interrupt, the Watchdog restarts counting im-
mediately. When the MCU receives a reset the Watchdog restarts counting
after 256 or 4096 CPU clocks.
70
WDGA
T6
T5
T4
T3
T2
T1
T0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com