Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324LJ4T5 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 40Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 41Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 42Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 43Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 44Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 45Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 46Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 47Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 151 page
background image
ST72F324L, ST72324BL
44/151
I/O PORTS (Cont’d)
Table 13. I/O Port Register Map and Reset Values
Address
(Hex.)
Register
Label
76543
210
Reset Value
of all I/O port registers
000
00
000
0000h
PADR
MSB
LSB
0001h
PADDR
0002h
PAOR
0003h
PBDR
MSB
LSB
0004h
PBDDR
0005h
PBOR
0006h
PCDR
MSB
LSB
0007h
PCDDR
0008h
PCOR
0009h
PDDR
MSB
LSB
000Ah
PDDDR
000Bh
PDOR
000Ch
PEDR
MSB
LSB
000Dh
PEDDR
000Eh
PEOR
000Fh
PFDR
MSB
LSB
0010h
PFDDR
0011h
PFOR
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com