Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324LJ4T5 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 41Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 42Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 43Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 44Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 45Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 46Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 47Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 48Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 151 page
background image
ST72F324L, ST72324BL
45/151
10 ON-CHIP PERIPHERALS
10.1 WATCHDOG TIMER (WDG)
10.1.1 Introduction
The Watchdog timer is used to detect the occur-
rence of a software fault, usually generated by ex-
ternal interference or by unforeseen logical condi-
tions, which causes the application program to
abandon its normal sequence. The Watchdog cir-
cuit generates an MCU reset on expiry of a pro-
grammed time period, unless the program refresh-
es the counter’s contents before the T6 bit be-
comes cleared.
10.1.2 Main Features
■ Programmable free-running downcounter
■ Programmable reset
■ Reset (if watchdog activated) when the T6 bit
reaches zero
■ Optional
reset
on
HALT
instruction
(configurable by option byte)
■ Hardware Watchdog selectable by option byte
10.1.3 Functional Description
The counter value stored in the Watchdog Control
register (WDGCR bits T[6:0]), is decremented
every 16384 fOSC2 cycles (approx.), and the
length of the timeout period can be programmed
by the user in 64 increments.
If the watchdog is activated (the WDGA bit is set)
and when the 7-bit timer (bits T[6:0]) rolls over
from 40h to 3Fh (T6 becomes cleared), it initiates
a reset cycle pulling low the reset pin for typically
500ns.
The application program must write in the
WDGCR register at regular intervals during normal
operation to prevent an MCU reset. This down-
counter is free-running: it counts down even if the
watchdog is disabled. The value to be stored in the
WDGCR register must be between FFh and C0h:
– The WDGA bit is set (watchdog enabled)
– The T6 bit is set to prevent generating an imme-
diate reset
– The T[5:0] bits contain the number of increments
which represents the time delay before the
watchdog produces a reset (see Figure 28. Ap-
proximate Timeout Duration). The timing varies
between a minimum and a maximum value due
to the unknown status of the prescaler when writ-
ing to the WDGCR register (see Figure 29).
Following a reset, the watchdog is disabled. Once
activated it cannot be disabled, except by a reset.
The T6 bit can be used to generate a software re-
set (the WDGA bit is set and the T6 bit is cleared).
If the watchdog is activated, the HALT instruction
will generate a Reset.
Figure 27. Watchdog Block Diagram
RESET
WDGA
6-BIT DOWNCOUNTER (CNT)
fOSC2
T6
T0
WDG PRESCALER
WATCHDOG CONTROL REGISTER (WDGCR)
DIV 4
T1
T2
T3
T4
T5
12-BIT MCC
RTC COUNTER
MSB
LSB
DIV 64
0
5
6
11
MCC/RTC
TB[1:0] bits
(MCCSR
Register)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com