Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324LJ4T5 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 24Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 25Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 26Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 27Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 28Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 29Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 30Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 31Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 151 page
background image
ST72F324L, ST72324BL
28/151
INTERRUPTS (Cont’d)
7.5 INTERRUPT REGISTER DESCRIPTION
CPU CC REGISTER INTERRUPT BITS
Read/Write
Reset Value: 111x 1010 (xAh)
Bit 5, 3 = I1, I0 Software Interrupt Priority
These two bits indicate the current interrupt soft-
ware priority.
These two bits are set/cleared by hardware when
entering in interrupt. The loaded value is given by
the corresponding bits in the interrupt software pri-
ority registers (ISPRx).
They can be also set/cleared by software with the
RIM, SIM, HALT, WFI, IRET and PUSH/POP in-
structions (see “Interrupt Dedicated Instruction
Set” table).
*Note: TRAP and RESET events can interrupt a
level 3 program.
INTERRUPT SOFTWARE PRIORITY REGIS-
TERS (ISPRX)
Read/Write (bit 7:4 of ISPR3 are read only)
Reset Value: 1111 1111 (FFh)
These four registers contain the interrupt software
priority of each interrupt vector.
– Each interrupt vector (except RESET and TRAP)
has corresponding bits in these registers where
its own software priority is stored. This corre-
spondance is shown in the following table.
– Each I1_x and I0_x bit value in the ISPRx regis-
ters has the same meaning as the I1 and I0 bits
in the CC register.
– Level 0 can not be written (I1_x=1, I0_x=0). In
this case, the previously stored value is kept. (ex-
ample: previous=CFh, write=64h, result=44h)
The RESET, and TRAP vectors have no software
priorities. When one is serviced, the I1 and I0 bits
of the CC register are both set.
Caution: If the I1_x and I0_x bits are modified
while the interrupt x is executed the following be-
haviour has to be considered: If the interrupt x is
still pending (new interrupt or flag not cleared) and
the new software priority is higher than the previ-
ous one, the interrupt x is re-entered. Otherwise,
the software priority stays unchanged up to the
next interrupt request (after the IRET of the inter-
rupt x).
70
11
I1
H
I0
NZC
Interrupt Software Priority
Level
I1
I0
Level 0 (main)
Low
High
10
Level 1
0
1
Level 2
0
0
Level 3 (= interrupt disable*)
1
1
70
ISPR0
I1_3
I0_3
I1_2
I0_2
I1_1
I0_1
I1_0
I0_0
ISPR1
I1_7
I0_7
I1_6
I0_6
I1_5
I0_5
I1_4
I0_4
ISPR2
I1_11 I0_11 I1_10 I0_10 I1_9
I0_9
I1_8
I0_8
ISPR3
1
1
1
1
I1_13 I0_13 I1_12 I0_12
Vector address
ISPRx bits
FFFBh-FFFAh
I1_0 and I0_0 bits*
FFF9h-FFF8h
I1_1 and I0_1 bits
...
...
FFE1h-FFE0h
I1_13 and I0_13 bits
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com