Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324LJ4T5 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 48Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 49Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 50Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 51Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 52Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 53Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 54Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 55Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 151 page
background image
ST72F324L, ST72324BL
52/151
MAIN CLOCK CONTROLLER WITH REAL TIME CLOCK (Cont’d)
Bit 0 = OIF Oscillator interrupt flag
This bit is set by hardware and cleared by software
reading the MCCSR register. It indicates when set
that the main oscillator has reached the selected
elapsed time (TB1:0).
0: Timeout not reached
1: Timeout reached
CAUTION: The BRES and BSET instructions
must not be used on the MCCSR register to avoid
unintentionally clearing the OIF bit.
MCC BEEP CONTROL REGISTER (MCCBCR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:2 = Reserved, must be kept cleared.
Bit 1:0 = BC[1:0] Beep control
These 2 bits select the PF1 pin beep capability.
The beep output signal is available in ACTIVE-
HALT mode but has to be disabled to reduce the
consumption.
Table 15. Main Clock Controller Register Map and Reset Values
70
00
00
0
0
BC1
BC0
BC1
BC0
Beep mode with fOSC2=8MHz
00
Off
01
~2-KHz
Output
Beep signal
~50% duty cycle
10
~1-KHz
1
1
~500-Hz
Address
(Hex.)
Register
Label
76543
210
002Ch
MCCSR
Reset Value
MCO
0
CP1
0
CP0
0
SMS
0
TB1
0
TB0
0
OIE
0
OIF
0
002Dh
MCCBCR
Reset Value
00000
0
BC1
0
BC0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com