Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 36 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 32Page - Analog Devices ADAV801 Datasheet HTML 33Page - Analog Devices ADAV801 Datasheet HTML 34Page - Analog Devices ADAV801 Datasheet HTML 35Page - Analog Devices ADAV801 Datasheet HTML 36Page - Analog Devices ADAV801 Datasheet HTML 37Page - Analog Devices ADAV801 Datasheet HTML 38Page - Analog Devices ADAV801 Datasheet HTML 39Page - Analog Devices ADAV801 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
ADAV801
Rev. A | Page 35 of 60
Receiver Configuration 2—Address 0001010 (0x0A)
Table 33. Receiver Configuration 2 Register Bit Map
7
6
5
4
3
2
1
0
RxMUTE
SP_PLL
SP_PLL_ SEL1
SP_PLL_ SEL0
Reserved
Reserved
NO NONAUDIO
NO_VALIDITY
Table 34. Receiver Configuration 2 Register Bit Descriptions
Bit Name
Description
RxMUTE
Hard-mutes the audio output for the AES3/S/PDIF receiver.
0 = AES3/S/PDIF receiver is not muted.
1 = AES3/S/PDIF receiver is muted.
SP_PLL
AES3/S/PDIF receiver PLL accepts a left/right clock from one of the four serial ports as the PLL reference clock.
0 = Left/right clock generated from the AES3/S/PDIF preambles is the reference clock to the PLL.
1 = Left/right clock from one of the serial ports is the reference clock to the PLL.
SP_PLL_SEL[1:0]
Selects one of the four serial ports as the reference clock to the PLL when SP_PLL is set.
00 = Playback port is selected.
01 = Auxiliary input port is selected.
10 = Record port is selected.
11 = Auxiliary output port is selected.
NO NONAUDIO
When the NO NONAUDIO bit is set, data from the AES3/S/PDIF receiver is not allowed into the sample rate converter
(SRC). If the NO NONAUDIO data is due to DTS, AAC, and so on, as defined by the IEC61937 standard, then the data
from the AES3/S/PDIF receiver is not allowed into the SRC regardless of the state of this bit.
0 = AES3/S/PDIF receiver data is sent to the SRC.
1 = Data from the AES3/S/PDIF receiver is not allowed into the SRC, if the NO NONAUDIO bit is set.
NO_VALIDITY
When the NO_VALIDITY bit is set, data from the AES3/S/PDIF receiver is not allowed into the SRC.
0 = AES3/S/PDIF receiver data is sent to the SRC.
1 = Data from the AES3/S/PDIF receiver is not allowed into the SRC, if the NO_VALIDITY bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com