Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 48 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 44Page - Analog Devices ADAV801 Datasheet HTML 45Page - Analog Devices ADAV801 Datasheet HTML 46Page - Analog Devices ADAV801 Datasheet HTML 47Page - Analog Devices ADAV801 Datasheet HTML 48Page - Analog Devices ADAV801 Datasheet HTML 49Page - Analog Devices ADAV801 Datasheet HTML 50Page - Analog Devices ADAV801 Datasheet HTML 51Page - Analog Devices ADAV801 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
ADAV801
Rev. A | Page 47 of 60
DAC Control Register 2—Address 1100101 (0x65)
Table 98. DAC Control Register 2 Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
DMCLK1
DMCLK0
DFS1
DFS0
DEEM1
DEEM0
Table 99. DAC Control Register 2 Bit Descriptions
Bit Name
Description
DMCLK[1:0]
DAC MCLK divider.
00 = MCLK.
01 = MCLK/1.5.
10 = MCLK/2.
11 = MCLK/3.
DFS[1:0]
DAC interpolator select.
00 = 8 × (MCLK = 256 × fS).
01 = 4 × (MCLK = 128 × fS).
10 = 2 × (MCLK = 64 × fS).
11 = Reserved.
DEEM[1:0]
DAC de-emphasis select.
00 = None.
01 = 44.1 kHz.
10 = 32 kHz.
11 = 48 kHz.
DAC Control Register 3—Address 1100110 (0x66)
Table 100. DAC Control Register 3 Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
Reserved
ZFVOL
ZFDATA
ZFPOL
Table 101. DAC Control Register 3 Bit Descriptions
Bit Name
Description
ZFVOL
DAC zero flag on mute and zero volume.
0 = Enabled.
1 = Disabled.
ZFDATA
DAC zero flag on zero data disable.
0 = Enabled.
1 = Disabled.
ZFPOL
DAC zero flag polarity.
0 = Active low.
1 = Active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com