Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 43 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 39Page - Analog Devices ADAV801 Datasheet HTML 40Page - Analog Devices ADAV801 Datasheet HTML 41Page - Analog Devices ADAV801 Datasheet HTML 42Page - Analog Devices ADAV801 Datasheet HTML 43Page - Analog Devices ADAV801 Datasheet HTML 44Page - Analog Devices ADAV801 Datasheet HTML 45Page - Analog Devices ADAV801 Datasheet HTML 46Page - Analog Devices ADAV801 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
ADAV801
Rev. A | Page 42 of 60
Interrupt Status—Address 0011100 (0x1C)
Table 69. Interrupt Status Register Bit Map
7
6
5
4
3
2
1
0
SRCError
TxCSTINT
TxUBINT
TxCSBINT
RxCSDIFF
RxUBINT
RxCSBINT
RxERROR
Table 70. Interrupt Status Register Bit Descriptions
Bit Name
Description
SRCError
This bit is set if one of the sample rate converter interrupts is asserted, and the host should immediately read the sample
rate converter error register. This bit remains high until the interrupt status register is read.
TxCSTINT
This bit is set if a write to the transmitter channel status buffer was made while transmitter channel status bits were being
copied from the transmitter CS buffer to the S/PDIF transmit buffer.
TxUBINT
This bit is set if the S/PDIF transmit buffer is empty. This bit remains high until the interrupt status register is read.
TxCSBINT
This bit is set if the transmitter channel status bit buffer has transmitted its block of channel status. This bit remains high
until the interrupt status register is read.
RxCSDIFF
This bit is set if the receiver Channel Status A block is different from the receiver Channel Status B clock. This bit remains
high until read, but does not generate an interrupt.
RxUBINT
This bit is set if the receiver user bit buffer has a new block or message. This bit remains high until the interrupt status
register is read.
RxCSBINT
This bit is set if a new block of channel status is read when RxBCONF3 = 0, or if the channel status has changed when
RxBCONF3 = 1. This bit remains high until the interrupt status register is read.
RxERROR
This bit is set if one of the AES3/S/PDIF receiver interrupts is asserted, and the host should immediately read the receiver
error register. This bit remains high until the interrupt status register is read.
Interrupt Status Mask—Address 0011101 (0x1D)
Table 71. Interrupt Status Mask Register Bit Map
7
6
5
4
3
2
1
0
SRCError Mask
TxCSTINT Mask
TxUBINT Mask
TxCSBINT Mask
Reserved
RxUBINT Mask
RxCSBINT Mask
RxError Mask
Table 72. Interrupt Status Mask Register Bit Descriptions
Bit Name
Description
SRCError Mask
Masks the SRCError bit from generating an interrupt.
0 = SRCError bit does not generate an interrupt.
1 = SRCError bit generates an interrupt.
TxCSTINT Mask
Masks the TxCSTINT bit from generating an interrupt.
0 = TxCSTINT bit does not generate an interrupt.
1 = TxCSTINT bit generates an interrupt.
TxUBINT Mask
Masks the TxUBINT bit from generating an interrupt.
0 = TxUBINT bit does not generate an interrupt.
1 = TxUBINT bit generates an interrupt.
TxCSBINT Mask
Masks the TxCSBINT bit from generating an interrupt.
0 = TxCSBINT bit does not generate an interrupt.
1 = TxCSBINT bit generates an interrupt.
RxUBINT Mask
Masks the RxUBINT bit from generating an interrupt.
0 = RxUBINT bit does not generate an interrupt.
1 = RxUBINT bit generates an interrupt.
RxCSBINT Mask
Masks the RxCSBINT bit from generating an interrupt.
0 = RxCSBINT bit does not generate an interrupt.
1 = RxCSBINT bit generates an interrupt.
RxError Mask
Masks the RxError bit from generating an interrupt.
0 = RxError bit does not generate an interrupt.
1 = RxError bit generates an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com