Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 11 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 7Page - Analog Devices ADAV801 Datasheet HTML 8Page - Analog Devices ADAV801 Datasheet HTML 9Page - Analog Devices ADAV801 Datasheet HTML 10Page - Analog Devices ADAV801 Datasheet HTML 11Page - Analog Devices ADAV801 Datasheet HTML 12Page - Analog Devices ADAV801 Datasheet HTML 13Page - Analog Devices ADAV801 Datasheet HTML 14Page - Analog Devices ADAV801 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
ADAV801
Rev. A | Page 10 of 60
Pin No.
Mnemonic
I/O
Description
27
OAUXLRCLK
I/O
Sampling Clock (LRCLK) of Auxiliary Digital Output Port.
28
OAUXBCLK
I/O
Serial Clock (BCLK) of Auxiliary Digital Output Port.
29
OAUXSDATA
O
Data Output of Auxiliary Digital Output Port.
30
IAUXLRCLK
I/O
Sampling Clock (LRCLK) of Auxiliary Digital Input Port.
31
IAUXBCLK
I/O
Serial Clock (BCLK) of Auxiliary Digital Input Port.
32
IAUXSDATA
I
Data Input of Auxiliary Digital Input Port.
33
DGND
Digital Ground.
34
DVDD
Digital Supply Voltage.
35
MCLKI
I
External MCLK Input.
36
MCLKO
O
Oscillator Output.
37
XOUT
I
Crystal Input.
38
XIN
I
Crystal or External MCLK Input.
39
SYSCLK3
O
System Clock 3 (from PLL2).
40
SYSCLK2
O
System Clock 2 (from PLL2).
41
SYSCLK1
O
System Clock 1 (from PLL1).
42
DGND
Digital Ground.
43
PLL_VDD
Supply for PLL Analog Section. This pin should be connected to AVDD.
44
PLL_GND
Ground for PLL Analog Section. This pin should be connected to AGND.
45
PLL_LF1
Loop Filter for PLL1.
46
PLL_LF2
Loop Filter for PLL2.
47
ADGND
Analog Ground (Mixed Signal). This pin should be connected to AGND.
48
ADVDD
Analog Voltage Supply (Mixed Signal). This pin should be connected to AVDD.
49
VOUTR
O
Right Channel Analog Output.
50
NC
No Connect.
51
VOUTL
O
Left Channel Analog Output.
52
NC
No Connect.
53
AVDD
Analog Voltage Supply.
54
AGND
Analog Ground.
55
FILTD
Output DAC Reference Decoupling.
56
AGND
Analog Ground.
57
VREF
Voltage Reference Voltage.
58
AGND
Analog Ground.
59
AVDD
Analog Voltage Supply.
60
CAPRN
ADC Modulator Input Filter Capacitor (Right Channel, Negative).
61
CAPRP
ADC Modulator Input Filter Capacitor (Right Channel, Positive).
62
AGND
Analog Ground.
63
CAPLP
ADC Modulator Input Filter Capacitor (Left Channel, Positive).
64
CAPLN
ADC Modulator Input Filter Capacitor (Left Channel, Negative).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com