Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 26 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 22Page - Analog Devices ADAV801 Datasheet HTML 23Page - Analog Devices ADAV801 Datasheet HTML 24Page - Analog Devices ADAV801 Datasheet HTML 25Page - Analog Devices ADAV801 Datasheet HTML 26Page - Analog Devices ADAV801 Datasheet HTML 27Page - Analog Devices ADAV801 Datasheet HTML 28Page - Analog Devices ADAV801 Datasheet HTML 29Page - Analog Devices ADAV801 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
ADAV801
Rev. A | Page 25 of 60
Table 10. Professional Audio Standard
Data Bits
Address1
7
6
5
4
3
2
1
0
N
Sample
Frequency
Lock
Emphasis
Non-
Audio
Pro/Con
= 1
N + 1
User Bit Management
Channel Mode
N + 2
Alignment
Level
Source Word
Length
Use of Auxiliary Mode
Sample Bits
N + 3
Channel Identification
N + 4
fS
Scaling
Sample
Frequency (fS)
Reserved
Digital Audio
Reference
Signal
N + 5
Reserved
N + 6
Alphanumeric Channel Origin Data—First Character
N + 7
Alphanumeric Channel Origin Data
N + 8
Alphanumeric Channel Origin Data
N + 9
Alphanumeric Channel Origin Data—Last Character
N + 10
Alphanumeric Channel Destination Data—First Character
N + 11
Alphanumeric Channel Destination Data
N + 12
Alphanumeric Channel Destination Data
N + 13
Alphanumeric Channel Destination Data—Last Character
N + 14
Local Sample Address Code—LSW
N + 15
Local Sample Address Code
N + 16
Local Sample Address Code
N + 17
Local Sample Address Code—MSW
N + 18
Time of Day Code—LSW
N + 19
Time of Day Code
N + 20
Time of Day Code
N + 21
Time of Day Code—MSW
N + 22
Reliability Flags
Reserved
N + 23
Cyclic Redundancy Check Character (CRCC)
1 N = 0x20 for receiver channel status buffer.
N = 0x38 for transmitter channel status buffer.
The standards allow the channel status bits in each subframe to
be independent, but ordinarily the channel status bits in the two
subframes of each frame are the same. The channel status bits
are defined differently for the consumer audio standards and
the professional audio standards. The 192 channel status bits are
organized into 24 bytes and have the interpretations shown in
Table 9 and Table 10.
The S/PDIF transmitter and receiver have a comprehensive
register set. The registers give the user full access to the
functions of the S/PDIF block, such as detecting nonaudio and
validity bits, Q subcodes, and preambles. The channel status bits
as defined by the IEC60958 and AES3 specifications are stored
in register buffers for ease of use. An autobuffering function
allows channel status bits and user bits read by the receiver to be
copied directly to the transmitter block, removing the need for
user intervention.
Receiver Section
The ADAV801 uses a double-buffering scheme to handle read-
ing channel status and user bit information. The channel status
bits are available as a memory buffer, taking up 24 consecutive
register locations. The user bits are read using an indirect
memory addressing scheme, where the receiver user bit
indirect-address register is programmed with an offset to the
user bit buffer, and the receiver user bit data register can be read
to determine the user bits at that location. Reading the receiver
user bit data register automatically updates the indirect address
register to the next location in the buffer. Typically, the receiver
user bit indirect-address register is programmed to zero (the
start of the buffer), and the receiver user bit data register is read
repeatedly until all the buffer’s data has been read. Figure 46
and Figure 47 show how receiving the channel status bits and
user bits is implemented.
SECOND BUFFER
RECEIVE
CS BUFFER
(0x20 TO 0x37)
CHANNEL
STATUS A
(24 × 8 BITS)
CHANNEL
STATUS B
(24 × 8 BITS)
RxCSSWITCH
DIRIN
S/PDIF
RECEIVE
BUFFER
FIRST BUFFER
Figure 46. Channel Status Buffer
S/PDIF
0...7
8...15
16...23
FIRST
BUFFER
0...7
8...15
16...23
USER-BIT
BUFFER
ADDRESS = 0x50
ADDRESS = 0x51
RECEIVER USER BIT
INDIRECT ADDRESS
REGISTER
RECEIVER USER BIT
DATA REGISTER
Figure 47. Receiver User Bit Buffer
The S/PDIF receive buffer is updated continuously by the
incoming S/PDIF stream. Once all the channel status bits for
the block (192 for Channel A and 192 for Channel B) are
received, the bits are copied into the receiver channel status
buffer. This buffer stores all 384 bits of channel status
information, and the RxCSSWITCH bit in the channel status
switch buffer register determines whether the Channel A or the
Channel B status bits are required to be read. The receive
channel status bit buffer is 24 bytes long and spans the address
range from 0x20 to 0x37.
Because the channel status bits of an S/PDIF stream rarely
change, a software interrupt/flag bit, RxCSBINT, is provided to
notify the host control either that a new block of channel status
bits is available or that the first five bytes of channel status
information have changed from a previous block. The function
of the RxCSBINT is controlled by the RxBCONF3 bit in the
Receiver Buffer Configuration register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com