Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 40 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 36Page - Analog Devices ADAV801 Datasheet HTML 37Page - Analog Devices ADAV801 Datasheet HTML 38Page - Analog Devices ADAV801 Datasheet HTML 39Page - Analog Devices ADAV801 Datasheet HTML 40Page - Analog Devices ADAV801 Datasheet HTML 41Page - Analog Devices ADAV801 Datasheet HTML 42Page - Analog Devices ADAV801 Datasheet HTML 43Page - Analog Devices ADAV801 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
ADAV801
Rev. A | Page 39 of 60
Sample Rate Ratio LSB—Address 0010011 (0x13)
Table 51. Sample Rate Ratio LSB Register (Read-Only) Bit Map
7
6
5
4
3
2
1
0
SRCRATIO07
SRCRATIO06
SRCRATIO05
SRCRATIO04
SRCRATIO03
SRCRATIO02
SRCRATIO01
SRCRATIO00
Table 52. Sample Rate Ratio LSB Register (Read-Only) Bit Descriptions
Bit Name
Description
SRCRATIO[7:0]
Eight least significant bits of the15-bit sample rate ratio.
Preamble-C MSB—Address 0010100 (0x14)
Table 53. Preamble-C MSB Register (Read-Only) Bit Map
7
6
5
4
3
2
1
0
PRE_C15
PRE_C14
PRE_C13
PRE_C12
PRE_C11
PRE_C10
PRE_C9
PRE_C8
Table 54. Preamble-C MSB Register (Read-Only) Bit Descriptions
Bit Name
Description
PRE_C[15:8]
Eight most significant bits of the 16-bit Preamble-C, when nonaudio data is detected according to the IEC60937
standard; otherwise, bits show zeros.
Preamble-C LSB—Address 0010101 (0x15)
Table 55. Preamble-C LSB Register (Read-Only) Bit Map
7
6
5
4
3
2
1
0
PRE_C07
PRE_C06
PRE_C05
PRE_C04
PRE_C03
PRE_C02
PRE_C01
PRE_C00
Table 56. Preamble-C LSB Register (Read-Only) Bit Descriptions
Bit Name
Description
PRE_C[7:0]
Eight least significant bits of the 16-bit Preamble-C, when nonaudio data is detected according to the IEC60937
standard; otherwise, bits show zeros.
Preamble-D MSB—Address 0010110 (0x16)
Table 57. Preamble-D MSB Register (Read-Only) Bit Map
7
6
5
4
3
2
1
0
PRE_D15
PRE_D14
PRE_D13
PRE_D12
PRE_D11
PRE_D10
PRE_D9
PRE_D8
Table 58. Preamble-D MSB Register (Read-Only) Bit Descriptions
Bit Name
Description
PRE_D[15:8]
Eight most significant bits of the 16-bit Preamble-D, when nonaudio data is detected according to the IEC60937
standard; otherwise, bits show zeros. When subframe nonaudio is used, this becomes the eight most significant bits
of the 16-bit Preamble-C of Channel B.
Preamble-D LSB—Address 0010111 (0x17)
Table 59. Preamble-D LSB Register (Read-Only) Bit Map
7
6
5
4
3
2
1
0
PRE_D07
PRE_D06
PRE_D05
PRE_D04
PRE_D03
PRE_D02
PRE_D01
PRE_D00
Table 60. Preamble-D LSB Register (Read-Only) Bit Descriptions
Bit Name
Description
PRE_D[7:0]
Eight least significant bits of the 16-bit Preamble-D, when nonaudio data is detected according to the IEC60937
standard; otherwise, bits show zeros. When subframe nonaudio is used, this becomes the eight most significant bits
of the 16-bit Preamble-C of Channel B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com