Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7320UCPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADT7320UCPZ-R2
Description  16-Bit Digital SPI Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7320UCPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADT7320UCPZ-R2 Datasheet HTML 1Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 2Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 3Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 4Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 5Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 6Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 7Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 8Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ADT7320
Data Sheet
Rev. 0 | Page 4 of 24
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Shutdown Current
Supply current in shutdown mode
At 3.3 V
2.0
15
µA
At 5.5 V
5.2
25
µA
Power Dissipation, Normal Mode
700
µW
VDD = 3.3 V, normal mode at 25°C
Power Dissipation, 1 SPS Mode
150
µW
Power dissipated for VDD = 3.3 V, TA = 25°C
1
Accuracy specification includes repeatability.
2
The equivalent 3 σ limits are ±0.15°C. This 3 σ specification is provided to enable comparison with other vendors who use these limits.
3
For higher accuracy at 5 V operation, contact Analog Devices, Inc.
4
Temperature hysteresis does not include repeatability.
5
Based on a floating average of 10 readings.
6
Drift includes solder heat resistance and lifetime test performed as per JEDEC Standard JESD22-A108.
SPI TIMING SPECIFICATIONS
TA = −40°C to +150°C, VDD = 2.7 V to 5.5 V, unless otherwise noted. All input signals are specified with rise time (tR) = fall time (tF) = 5 ns
(10% to 90% of VDD) and timed from a voltage level of 1.6 V.
Table 2.
Parameter1, 2
Limit at TMIN, TMAX
Unit
Descriptions
t1
0
ns min
CS falling edge to SCLK active edge setup time
t2
100
ns min
SCLK high pulse width
t3
100
ns min
SCLK low pulse width
t4
30
ns min
Data setup time prior to SCLK rising edge
t5
25
ns min
Data hold time after SCLK rising edge
t6
5
ns min
Data access time after SCLK falling edge
60
ns max
VDD = 4.5 V to 5.5 V
80
ns max
VDD = 2.7 V to 3.6 V
t73
10
ns min
Bus relinquish time after CS inactive edge
80
ns max
Bus relinquish time after CS inactive edge
t8
0
ns min
SCLK inactive edge to CS rising edge hold time
t9
0
ns min
CS falling edge to DOUT active time
60
ns max
VDD = 4.5 V to 5.5 V
80
ns max
VDD = 2.7 V to 3.6 V
t10
10
ns min
SCLK inactive edge to DOUT low
1
Sample tested during initial release to ensure compliance.
2
See Figure 2.
3
This means that the times quoted in the timing characteristics in Table 2 are the true bus relinquish times of the part and, as such, are independent of external bus
loading capacitances.
CS
SCLK
DIN
DOUT
t1
1
8
7
6
MSB
LSB
2
3
MSB
LSB
9
10
23
24
t2
t4
t5
t3
t6
t7
t8
t9
t10
Figure 2. Detailed SPI Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com