Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7320UCPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADT7320UCPZ-R2
Description  16-Bit Digital SPI Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7320UCPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADT7320UCPZ-R2 Datasheet HTML 3Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 4Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 5Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 6Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 7Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 8Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 9Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 10Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ADT7320
Data Sheet
Rev. 0 | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
11
10
1
3
4
VDD
17 EPAD
GND
CT
9 INT
SCLK
DIN
2
DOUT
CS
ADT7320
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
THE NC PIN IS NOT BONDED TO THE DIE INTERNALLY.
2. TO ENSURE CORRECT OPERATION, THE EXPOSED PAD
SHOULD EITHER BE LEFT FLOATING OR CONNECTED
TO GROUND.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SCLK
Serial Clock Input. The serial clock is used to clock data into and out of any register of the ADT7320.
2
DOUT
Serial Data Output. Data is clocked out on the SCLK falling edge and is valid on the SCLK rising edge.
3
DIN
Serial Data Input. Serial data to be loaded to the control registers of the part is provided on this input. Data is
clocked into the registers on the rising edge of SCLK.
4
CS
Chip Select Input. The device is enabled when this input is low. The device is disabled when this pin is high.
5
NC
No Connect. Do not connect to this pin. The NC pin is not bonded to the die internally.
6
NC
No Connect. Do not connect to this pin. The NC pin is not bonded to the die internally.
7
NC
No Connect. Do not connect to this pin. The NC pin is not bonded to the die internally.
8
NC
No Connect. Do not connect to this pin. The NC pin is not bonded to the die internally.
9
INT
Overtemperature and Undertemperature Interrupt. Logic output. Power-up default setting is as an active low
comparator interrupt. Open-drain configuration. A pull-up resistor is required, typically 10 kΩ.
10
CT
Critical Overtemperature Interrupt. Logic output. Power-up default polarity is active low. Open-drain
configuration. A pull-up resistor is required, typically 10 kΩ.
11
GND
Analog and Digital Ground.
12
VDD
Positive Supply Voltage (2.7 V to 5.5 V). Decouple the supply with a 0.1 μF ceramic capacitor to GND.
13
NC
No Connect. Do not connect to this pin. The NC pin is not bonded to the die internally.
14
NC
No Connect. Do not connect to this pin. The NC pin is not bonded to the die internally.
15
NC
No Connect. Do not connect to this pin. The NC pin is not bonded to the die internally.
16
NC
No Connect. Do not connect to this pin. The NC pin is not bonded to the die internally.
17
EPAD
Exposed Pad. To ensure correct operation, the exposed pad should either be left floating or connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com