Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7320UCPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADT7320UCPZ-R2
Description  16-Bit Digital SPI Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7320UCPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADT7320UCPZ-R2 Datasheet HTML 16Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 17Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 18Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 19Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 20Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 21Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 22Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 23Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Data Sheet
ADT7320
Rev. 0 | Page 19 of 24
C3
C2
C5
C4
DIN
C7
C6
C1
C0
8-BIT DATA
5
6
78
9
10
11
12
13
14
15
16
SCLK
1
23
4
D6
D5
CS
R/W
REGISTER ADDR
0
0
0
D4
D3
D2
D1
D0
D7
DOUT
8-BIT COMMAND BYTE
0
Figure 17. Reading from an 8-Bit Register
C3
C2
C5
C4
DIN
C7
C6
C1
D2
D1
D0
C0
16-BIT DATA
5
24
6
7
8
9
10
11
12
13
14
15
16
22
23
SCLK
12
3
4
D14
D13
17
CS
R/W
REGISTER ADDR
0
0
0
D12
D11
D10
D9
D8
D7
D15
DOUT
8-BIT COMMAND BYTE
0
Figure 18. Reading from a 16-Bit Register
READING DATA
A read transaction begins when the master writes the command
byte to the ADT7320 with the read/write bit set to 1. The master
then supplies 8 or 16 clock pulses, depending on the addressed
register, and the ADT7320 clocks out data from the addressed
register on the DOUT line. Data is clocked out on the first
falling edge of SCLK following the command byte.
The read transaction finishes when the master pulls CS high.
INTERFACING TO DSPs OR MICROCONTROLLERS
The ADT7320 can be operated with CS used as a frame
synchronization signal. This setup is useful for DSP interfaces. In
this case, the first bit (MSB) is effectively clocked out by CS
because CS normally occurs after the falling edge of SCLK in
DSPs. SCLK can continue to run between data transfers, provided
that the timing values are obeyed.
CS can be tied to ground and the serial interface can operate in
a 3-wire mode. DIN, DOUT, and SCLK are used to communicate
with the ADT7320 in this mode.
For microcontroller interfaces, it is recommended that SCLK
idle high between data transfers.
SERIAL INTERFACE RESET
The serial interface can be reset by writing a series of 1s on the
DIN input. If a Logic 1 is written to the ADT7320 DIN line for
at least 32 serial clock cycles, the serial interface is reset. This
ensures that the interface can be reset to a known state if the
interface is lost due to a software error or a glitch in the system.
A reset returns the interface to the state in which it expects a
write to a communications register. This operation resets the
contents of all registers to their power-on values. Following a
reset, allow a period of 500 μs before addressing the serial
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com