Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7320UCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADT7320UCPZ-R2
Description  16-Bit Digital SPI Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7320UCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT7320UCPZ-R2 Datasheet HTML 6Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 7Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 8Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 9Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 10Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 11Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 12Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 13Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
ADT7320
Rev. 0 | Page 9 of 24
THEORY OF OPERATION
CIRCUIT INFORMATION
The ADT7320 is a high accuracy digital temperature sensor that
uses a 16-bit ADC to monitor and digitize the temperature to a
resolution of 0.0078°C. By default, the ADC resolution is set to
13 bits (0.0625°C). An internal temperature sensor generates a
voltage proportional to absolute temperature; this voltage is
compared to an internal voltage reference and input into a
precision digital modulator.
The internal temperature sensor has high accuracy and linearity
over the entire rated temperature range without the need for
correction or calibration by the user.
The sensor output is digitized by a sigma-delta (Σ-Δ) modulator,
also known as the charge balance type ADC. This type of converter
uses time domain oversampling and a high accuracy comparator to
deliver 16 bits of resolution in an extremely compact circuit.
CONVERTER DETAILS
The Σ-Δ modulator consists of an input sampler, a summing
network, an integrator, a comparator, and a 1-bit digital-to-analog
converter (DAC). This architecture creates a negative feedback
loop and minimizes the integrator output by changing the duty
cycle of the comparator output in response to the input voltage
changes. The comparator samples the output of the integrator at
a much higher rate than the input sampling frequency. This
oversampling spreads the quantization noise over a much wider
band than that of the input signal, improving overall noise
performance and increasing accuracy.
The modulated output of the comparator is encoded using a
circuit technique that results in SPI temperature data.
Σ-∆ MODULATOR
INTEGRATOR
COMPARATOR
TEMPERATURE
VALUE
REGISTER
CLOCK
GENERATOR
LPF DIGITAL
FILTER
1-BIT
DAC
VOLTAGE
REFERENCE
1-BIT
13-/16-BIT
Figure 11. Σ-∆ Modulator
The ADT7320 can be configured to operate in any one of the
following four operating modes: normal mode, one-shot mode,
1 SPS mode, and shutdown mode.
CONTINUOUS CONVERSION MODE
In continuous conversion mode (default power-up mode), the
ADT7320 runs an automatic conversion sequence. During this
automatic conversion sequence, a conversion takes 240 ms to
complete and the ADT7320 is continuously converting. This means
that as soon as one temperature conversion is completed, another
temperature conversion begins. Each temperature conversion
result is stored in the temperature value register and is available
through the SPI interface. In continuous conversion mode, the
read operation provides the most recent converted result.
On power-up, the first conversion is a fast conversion, taking
typically 6 ms. If the temperature exceeds 147°C, the CT pin is
asserted low. If the temperature exceeds 64°C, the INT pin is
asserted low. Fast conversion temperature accuracy is typically
within ±5°C.
The conversion clock for the part is generated internally. No
external clock is required except when reading from and writing
to the serial port.
The measured temperature value is compared with a critical
temperature limit (stored in the 16-bit TCRIT setpoint register), a
high temperature limit (stored in the 16-bit THIGH setpoint
register), and a low temperature limit (stored in the 16-bit TLOW
setpoint register). If the measured value exceeds the high or low
temperature limits, the INT pin is activated; if it exceeds the TCRIT
limit, the CT pin is activated. The polarity of the INT and CT
pins is programmable for via the configuration register, and the
INT and CT pins are also programmable for interrupt mode via
the configuration register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com