Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7320UCPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADT7320UCPZ-R2
Description  16-Bit Digital SPI Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7320UCPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADT7320UCPZ-R2 Datasheet HTML 7Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 8Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 9Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 10Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 11Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 12Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 13Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 14Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ADT7320
Data Sheet
Rev. 0 | Page 10 of 24
DIN
DATA
SCLK
DOUT
CS
WAIT 240ms MINIMUM
FOR CONVERSION TO FINISH
0x08
0x20
Figure 12. Typical SPI One-Shot Write to Configuration Register Followed by a Read from the Temperature Value Register
TEMPERATURE
149°C
148°C
147°C
146°C
145°C
144°C
143°C
142°C
141°C
140°C
CT PIN
POLARITY = ACTIVE LOW
CT PIN
POLARITY = ACTIVE HIGH
TCRIT
TCRIT – THYST
TIME
*THERE IS A 240ms DELAY BETWEEN WRITING TO THE CONFIGURATION REGISTER TO START
A STANDARD ONE-SHOT CONVERSION AND THE CT PIN GOING ACTIVE. THIS IS DUE TO THE
CONVERSION TIME. THE DELAY IS 60ms IN THE CASE OF A ONE-SHOT CONVERSION.
WRITE TO
BIT 5 AND BIT 6 OF
CONFIGURATION
REGISTER.*
WRITE TO
BIT 5 AND BIT 6 OF
CONFIGURATION
REGISTER.*
WRITE TO
BIT 5 AND BIT 6 OF
CONFIGURATION
REGISTER.*
Figure 13. One-Shot CT Pin
ONE-SHOT MODE
When one-shot mode is enabled, the ADT7320 immediately
completes a conversion and then goes into shutdown mode. The
one-shot mode is useful when one of the circuit design priorities is
to reduce power consumption.
To enable one-shot mode, set Bits [6:5] of the configuration
register (Register Address 0x01) to 01.
After writing to the operation mode bits, wait for at least 240 ms
before reading back the temperature from the temperature value
register. This delay ensures that the ADT7320 has adequate time
to power up and complete a conversion.
To obtain an updated temperature conversion, reset Bits[6:5] of the
configuration register (Register Address 0x01) to 01.
CT and INT Operation in One-Shot Mode
See Figure 13 for more information on one-shot CT pin
operation for TCRIT overtemperature events when one of the
limits is exceeded. Note that in interrupt mode, a read from
any register resets the INT and CT pins.
For the INT pin in comparator mode, if the temperature drops
below the THIGH − THYST value or goes above the TLOW + THYST value,
a write to the operation mode bits (Bit 5 and Bit 6 of the
configuration register, Register Address 0x01) resets the INT pin.
For the CT pin in comparator mode, if the temperature drops
below the TCRIT − THYST value, a write to the operation mode bits
(Bit 5 and Bit 6 of the configuration register, Register Address 0x01)
resets the CT pin (see Figure 13).
When using one-shot mode, ensure that the refresh rate is
appropriate to the application being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com