Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7320UCPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADT7320UCPZ-R2
Description  16-Bit Digital SPI Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7320UCPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADT7320UCPZ-R2 Datasheet HTML 11Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 12Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 13Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 14Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 15Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 16Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 17Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 18Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
ADT7320
Data Sheet
Rev. 0 | Page 14 of 24
CONFIGURATION REGISTER
This 8-bit read/write register (Register Address 0x01) stores various
configuration modes for the ADT7320, including shutdown,
overtemperature and undertemperature interrupts, one-shot,
continuous conversion, interrupt pin polarity, and
overtemperature fault queues.
Table 8. Configuration Register (Register Address 0x01)
Bit(s)
Default
Value
Type
Name
Description
[1:0]
00
R/W
Fault queue
These two bits set the number of undertemperature/overtemperature faults that can
occur before setting the INT and CT pins. This helps to avoid false triggering due to
temperature noise.
00 = 1 fault (default).
01 = 2 faults.
10 = 3 faults.
11 = 4 faults.
[2]
0
R/W
CT pin polarity
This bit selects the output polarity of the CT pin.
0 = active low.
1 = active high.
[3]
0
R/W
INT pin polarity
This bit selects the output polarity of the INT pin.
0 = active low.
1 = active high.
[4]
0
R/W
INT/CT mode
This bit selects comparator mode or interrupt mode.
0 = interrupt mode.
1 = comparator mode.
[6:5]
00
R/W
Operation mode
These two bits set the operational mode of the ADT7320.
00 = continuous conversion (default). When one conversion is finished, the ADT7320
begins the next conversion.
01 = one-shot mode. Conversion time is typically 240 ms.
10 = 1 SPS mode. Conversion time is typically 60 ms. This operational mode reduces the
average current consumption.
11 = shutdown. All circuitry except for the interface circuitry is powered down.
[7]
0
R/W
Resolution
This bit sets the resolution of the ADC when converting.
0 = 13-bit resolution. Sign bit + 12 bits gives a temperature resolution of 0.0625°C.
1 = 16-bit resolution. Sign bit + 15 bits gives a temperature resolution of 0.0078°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com